Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

dsPIC33FJ09GS302 Datasheet(PDF) 18 Page - Microchip Technology

Part # dsPIC33FJ09GS302
Description  16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ09GS302 Datasheet(HTML) 18 Page - Microchip Technology

Back Button dsPIC33FJ09GS302 Datasheet HTML 14Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 15Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 16Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 17Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 18Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 19Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 20Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 21Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 352 page
background image
dsPIC33FJ06GS001/101A/102A/202A and dsPIC33FJ09GS302
DS75018C-page 18
 2011-2012 Microchip Technology Inc.
FIGURE 2-1:
RECOMMENDED
MINIMUM CONNECTION
2.2.1
TANK CAPACITORS
On boards with power traces running longer than
six inches in length, it is suggested to use a tank capac-
itor for integrated circuits including DSCs to supply a
local power source. The value of the tank capacitor
should be determined based on the trace resistance
that connects the power supply source to the device,
and the maximum current drawn by the device in the
application. In other words, select the tank capacitor so
that it meets the acceptable voltage sag at the device;
typical values range from 4.7 µF to 47 µF.
2.3
Capacitor on Internal Voltage
Regulator (VCAP)
A low-ESR (<0.5 Ohms) capacitor is required on the
VCAP pin, which is used to stabilize the voltage regulator
output voltage. The VCAP pin must not be connected to
VDD, and must have a capacitor between 4.7 µF and
10 µF, 16V connected to ground. The type can be
ceramic or tantalum. Refer to Section 25.0 “Electrical
Characteristics” for additional information.
The placement of this capacitor should be close to the
VCAP. It is recommended that the trace length not
exceed one-quarter inch (6 mm). Refer to Section 22.2
“On-Chip Voltage Regulator” for details.
2.4
Master Clear (MCLR) Pin
The MCLR pin provides for two specific device
functions:
• Device Reset
• Device Programming and Debugging
During device programming and debugging, the
resistance and capacitance that can be added to the
pin must be considered. Device programmers and
debuggers drive the MCLR pin. Consequently,
specific voltage levels (VIH and VIL) and fast signal
transitions must not be adversely affected. Therefore,
specific values of R and C will need to be adjusted
based on the application and PCB requirements.
For example, as shown in Figure 2-2, it is recommended
that the capacitor, C, be isolated from the MCLR pin
during programming and debugging operations.
Place the components shown in Figure 2-2 within
one-quarter inch (6 mm) from the MCLR pin.
FIGURE 2-2:
EXAMPLE OF MCLR PIN
CONNECTIONS
dsPIC33F
VDD
VSS
VSS
VDD
0.1 µF
Ceramic
0.1 µF
Ceramic
0.1 µF
Ceramic
0.1 µF
Ceramic
C
R
VDD
MCLR
0.1 µF
Ceramic
L1(1)
R1
10 µF
Tantalum
Note 1:
As an option, instead of a hard-wired connection, an
inductor (L1) can be substituted between VDD and
AVDD to improve ADC noise rejection. The inductor
impedance should be less than 1
 and the inductor
capacity greater than 10 mA.
Where:
f
FCNV
2
--------------
=
f
1
2
 LC

-----------------------
=
L
1
2
fC

----------------------

 2
=
(i.e., ADC conversion rate/2)
Note 1:
R
 10 k is recommended. A suggested
starting value is 10 k
. Ensure that the
MCLR pin VIH and VIL specifications are
met.
2:
R1
 470 will limit any current flowing into
MCLR from the external capacitor, C, in the
event of MCLR pin breakdown due to
Electrostatic Discharge (ESD) or Electrical
Overstress (EOS). Ensure that the MCLR
pin VIH and VIL specifications are met.
C
R1(2)
R(1)
VDD
MCLR
dsPIC33F
JP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com