Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

dsPIC33FJ09GS302 Datasheet(PDF) 83 Page - Microchip Technology

Part # dsPIC33FJ09GS302
Description  16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ09GS302 Datasheet(HTML) 83 Page - Microchip Technology

Back Button dsPIC33FJ09GS302 Datasheet HTML 79Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 80Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 81Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 82Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 83Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 84Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 85Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 86Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 352 page
background image
 2011-2012 Microchip Technology Inc.
DS75018C-page 83
dsPIC33FJ06GS001/101A/102A/202A and dsPIC33FJ09GS302
FIGURE 6-2:
SYSTEM RESET TIMING
Reset
Run
Device Status
VDD
VPOR
VBOR
POR
BOR
SYSRST
TPWRT
TPOR
TBOR
Oscillator Clock
TOSCD
TOST
TLOCK
Time
FSCM
TFSCM
1
2
3
4
5
6
Note 1:
POR: A POR circuit holds the device in Reset when the power supply is turned on. The POR circuit is active until VDD crosses the
VPOR threshold and the delay, TPOR, has elapsed.
2:
BOR: The on-chip voltage regulator has a BOR circuit that keeps the device in Reset until VDD crosses the VBOR threshold and the
delay, TBOR, has elapsed. The delay, TBOR, ensures the voltage regulator output becomes stable.
3:
PWRT Timer: The programmable Power-up Timer continues to hold the processor in Reset for a specific period of time (TPWRT)
after a BOR. The delay, TPWRT, ensures that the system power supplies have stabilized at the appropriate level for full-speed oper-
ation. After the delay, TPWRT has elapsed and the SYSRST becomes inactive, which in turn, enables the selected oscillator to start
generating clock cycles.
4:
Oscillator Delay: The total delay for the clock to be ready for various clock source selections is given in Table 6-1. Refer to
Section 8.0 “Oscillator Configuration” for more information.
5:
When the oscillator clock is ready, the processor begins execution from location, 0x000000. The user application programs a GOTO
instruction at the Reset address, which redirects program execution to the appropriate start-up routine.
6:
If the Fail-Safe Clock Monitor (FSCM) is enabled, it begins to monitor the system clock when the system clock is ready and the delay,
TFSCM, has elapsed.
TABLE 6-2:
OSCILLATOR PARAMETERS
Symbol
Parameter
Value
VPOR
POR threshold
1.8V nominal
TPOR
POR extension time
30
s maximum
VBOR
BOR threshold
2.65V nominal
TBOR
BOR extension time
100
s maximum
TPWRT
Programmable
Power-up Time delay
0-128 ms nominal
TFSCM
Fail-Safe Clock Mon-
itor delay
900
s maximum
Note:
When the device exits the Reset con-
dition (begins normal operation), the
device operating parameters (voltage,
frequency, temperature, etc.) must be
within their operating ranges; otherwise,
the device may not function correctly.
The user application must ensure that
the delay between the time power is first
applied, and the time SYSRST becomes
inactive, is long enough to get all
operating
parameters
within
the
specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com