Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

dsPIC33FJ09GS302 Datasheet(PDF) 99 Page - Microchip Technology

Part # dsPIC33FJ09GS302
Description  16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ09GS302 Datasheet(HTML) 99 Page - Microchip Technology

Back Button dsPIC33FJ09GS302 Datasheet HTML 95Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 96Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 97Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 98Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 99Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 100Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 101Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 102Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 352 page
background image
 2011-2012 Microchip Technology Inc.
DS75018C-page 99
dsPIC33FJ06GS001/101A/102A/202A and dsPIC33FJ09GS302
REGISTER 7-10:
IFS6: INTERRUPT FLAG STATUS REGISTER 6
R/W-0
R/W-0
U-0
U-0
U-0
U-0
U-0
U-0
ADCP1IF
ADCP0IF
—
—
—
—
—
—
bit 15
bit 8
R/W-0
U-0
U-0
U-0
U-0
U-0
R/W-0
U-0
AC2IF(1)
—
—
—
—
—PWM4IF(2)
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ADCP1IF: ADC Pair 1 Conversion Done Interrupt Flag Status bit
1 = Interrupt request has occurred
0 = Interrupt request has not occurred
bit 14
ADCP0IF: ADC Pair 0 Conversion Done Interrupt Flag Status bit
1 = Interrupt request has occurred
0 = Interrupt request has not occurred
bit 13-8
Unimplemented: Read as ‘0’
bit 7
AC2IF: Analog Comparator 2 Interrupt Flag Status bit(1)
1 = Interrupt request has occurred
0 = Interrupt request has not occurred
bit 6-2
Unimplemented: Read as ‘0’
bit 1
PWM4IF: PWM4 Interrupt Flag Status bit(2)
1 = Interrupt request has occurred
0 = Interrupt request has not occurred
bit 0
Unimplemented: Read as ‘0’
Note 1: This bit is not implemented in dsPIC33FJ06GS101A/102A devices.
2: This bit is not implemented in dsPIC33FJ06GS102A/202A devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com