Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A32100DX Datasheet(PDF) 18 Page - Actel Corporation

Part # A32100DX
Description  HiRel FPGAs
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX Datasheet(HTML) 18 Page - Actel Corporation

Back Button A32100DX Datasheet HTML 14Page - Actel Corporation A32100DX Datasheet HTML 15Page - Actel Corporation A32100DX Datasheet HTML 16Page - Actel Corporation A32100DX Datasheet HTML 17Page - Actel Corporation A32100DX Datasheet HTML 18Page - Actel Corporation A32100DX Datasheet HTML 19Page - Actel Corporation A32100DX Datasheet HTML 20Page - Actel Corporation A32100DX Datasheet HTML 21Page - Actel Corporation A32100DX Datasheet HTML 22Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 98 page
background image
18
P a r a m e te r Me as ur em e n t
O u t p u t Bu f f e r De la y s
AC Tes t Loa d
Inpu t Buffe r De l a y s
Com b i n a tor i a l Macr o Del a y s
PAD
To AC test loads (shown below)
D
E
TRIBUFF
In
VCC
GND
50%
PAD
VOL
VOH
1.5V
tDLH
50%
1.5V
tDHL
E
VCC
GND
50%
PAD
VOL
1.5V
tENZL
50%
10%
tENLZ
E
VCC
GND
50%
PAD
GND
VOH
1.5V
tENZH
50%
90%
tENHZ
VCC
PAD
Load 1
(Used to measure propagation delay)
Load 2
(Used to measure rising/falling edges)
50 pF
To the output under test
VCC
GND
50 pF
To the output under test
R to VCC for tPLZ/tPZL
R to GND for tPHZ/tPZH
R = 1 k
Ω
PAD
Y
INBUF
PAD
3V
0V
1.5V
Y
GND
VCC
50%
tINYH
1.5V
50%
tINYL
PAD
S
A
B
Y
S, A, or B
Y
GND
VCC
50%
tPLH
Y
GND
GND
VCC
50%
50%
50%
VCC
50%
50%
tPHL
tPHL
tPLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com