Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A32100DX Datasheet(PDF) 30 Page - Actel Corporation

Part # A32100DX
Description  HiRel FPGAs
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX Datasheet(HTML) 30 Page - Actel Corporation

Back Button A32100DX Datasheet HTML 26Page - Actel Corporation A32100DX Datasheet HTML 27Page - Actel Corporation A32100DX Datasheet HTML 28Page - Actel Corporation A32100DX Datasheet HTML 29Page - Actel Corporation A32100DX Datasheet HTML 30Page - Actel Corporation A32100DX Datasheet HTML 31Page - Actel Corporation A32100DX Datasheet HTML 32Page - Actel Corporation A32100DX Datasheet HTML 33Page - Actel Corporation A32100DX Datasheet HTML 34Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 98 page
background image
30
A1 28 0A T i m i n g C har a c t e r i st i c s
(W or s t - C as e M i l i t a r y Cond i t i o n s , V CC = 4.5 V, TJ = 1 25°C)
‘–1’ Speed
‘Std’ Speed
Parameter
Description
Min.
Max.
Min.
Max.
Units
Logic Module Propagation Delays1
tPD1
Single Module
5.2
6.1
ns
tCO
Sequential Clk to Q
5.2
6.1
ns
tGO
Latch G to Q
5.2
6.1
ns
tRS
Flip-Flop (Latch) Reset to Q
5.2
6.1
ns
Logic Module Predicted Routing Delays2
tRD1
FO=1 Routing Delay
2.4
2.8
ns
tRD2
FO=2 Routing Delay
3.4
4.0
ns
tRD3
FO=3 Routing Delay
4.2
4.9
ns
tRD4
FO=4 Routing Delay
5.1
6.0
ns
tRD8
FO=8 Routing Delay
9.2
10.8
ns
Logic Module Sequential Timing3, 4
tSUD
Flip-Flop (Latch) Data Input Setup
0.5
0.5
ns
tHD
Flip-Flop (Latch) Data Input Hold
0.0
0.0
ns
tSUENA
Flip-Flop (Latch) Enable Setup
1.3
1.3
ns
tHENA
Flip-Flop (Latch) Enable Hold
0.0
0.0
ns
tWCLKA
Flip-Flop (Latch) Clock Active Pulse
Width
7.4
8.6
ns
tWASYN
Flip-Flop (Latch) Asynchronous Pulse
Width
7.4
8.6
ns
tA
Flip-Flop Clock Input Period
16.4
22.1
ns
tINH
Input Buffer Latch Hold
2.5
2.5
ns
tINSU
Input Buffer Latch Setup
–3.5
–3.5
ns
tOUTH
Output Buffer Latch Hold
0.0
0.0
ns
tOUTSU
Output Buffer Latch Setup
0.5
0.5
ns
fMAX
Flip-Flop (Latch) Clock Frequency
60
41
MHz
Notes:
1.
For dual-module macros, use tPD1 + tRD1 + tPDn , tCO + tRD1 + tPDn , or tPD1 + tRD1 + tSUD , whichever is appropriate.
2.
Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating device
performance. Post-route timing analysis or simulation is required to determine actual worst-case performance. Post-route timing is
based on actual routing delay measurements performed on the device prior to shipment.
3.
Data applies to macros based on the S-module. Timing parameters for sequential macros constructed from C-modules can be obtained
from the DirectTime Analyzer utility.
4.
Setup and hold timing parameters for the input buffer latch are defined with respect to the PAD and the D input. External setup/hold
timing parameters must account for delay from an external PAD signal to the G inputs. Delay from an external PAD signal to the G input
subtracts (adds) to the internal setup (hold) time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com