Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A32100DX Datasheet(PDF) 26 Page - Actel Corporation

Part # A32100DX
Description  HiRel FPGAs
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX Datasheet(HTML) 26 Page - Actel Corporation

Back Button A32100DX Datasheet HTML 22Page - Actel Corporation A32100DX Datasheet HTML 23Page - Actel Corporation A32100DX Datasheet HTML 24Page - Actel Corporation A32100DX Datasheet HTML 25Page - Actel Corporation A32100DX Datasheet HTML 26Page - Actel Corporation A32100DX Datasheet HTML 27Page - Actel Corporation A32100DX Datasheet HTML 28Page - Actel Corporation A32100DX Datasheet HTML 29Page - Actel Corporation A32100DX Datasheet HTML 30Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 98 page
background image
26
AC T 1 T i m i ng C har a c t e r i st i c s (continued)
(W or s t - C as e M i l i t a r y Cond i t i o n s , V CC = 4.5 V, TJ = 1 25°C)
‘–1’ Speed
‘Std’ Speed
Parameter
Description
Min.
Max.
Min.
Max.
Units
Global Clock Network
tCKH
Input Low to High
FO = 16
FO = 128
7.8
8.9
9.2
10.5
ns
tCKL
Input High to Low
FO = 16
FO = 128
10.3
11.2
12.1
13.2
ns
tPWH
Minimum Pulse Width High
FO = 16
FO = 128
10.4
10.9
12.2
12.9
ns
tPWL
Minimum Pulse Width Low
FO = 16
FO = 128
10.4
10.9
12.2
12.9
ns
tCKSW
Maximum Skew
FO = 16
FO = 128
1.9
2.9
2.2
3.4
ns
tP
Minimum Period
FO = 16
FO = 128
21.7
23.2
25.6
27.3
ns
fMAX
Maximum Frequency
FO = 16
FO = 128
46
44
40
37
MHz
TTL Output Module Timing1
tDLH
Data to Pad High
12.1
14.2
ns
tDHL
Data to Pad Low
13.8
16.3
ns
tENZH
Enable Pad Z to High
12.0
14.1
ns
tENZL
Enable Pad Z to Low
14.6
17.1
ns
tENHZ
Enable Pad High to Z
16.0
18.8
ns
tENLZ
Enable Pad Low to Z
14.5
17.0
ns
dTLH
Delta Low to High
0.09
0.11
ns/pF
dTHL
Delta High to Low
0.12
0.15
ns/pF
CMOS Output Module Timing1
tDLH
Data to Pad High
15.1
17.7
ns
tDHL
Data to Pad Low
11.5
13.6
ns
tENZH
Enable Pad Z to High
12.0
14.1
ns
tENZL
Enable Pad Z to Low
14.6
17.1
ns
tENHZ
Enable Pad High to Z
16.0
18.8
ns
tENLZ
Enable Pad Low to Z
14.5
17.0
ns
dTLH
Delta Low to High
0.16
0.18
ns/pF
dTHL
Delta High to Low
0.09
0.11
ns/pF
Notes:
1.
Delays based on 50 pF loading.
2.
SSO information can be found in the Simultaneously Switching Output Limits for Actel FPGAs application note at
http://www.actel.com/appnotes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com