Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A32100DX Datasheet(PDF) 34 Page - Actel Corporation

Part # A32100DX
Description  HiRel FPGAs
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX Datasheet(HTML) 34 Page - Actel Corporation

Back Button A32100DX Datasheet HTML 30Page - Actel Corporation A32100DX Datasheet HTML 31Page - Actel Corporation A32100DX Datasheet HTML 32Page - Actel Corporation A32100DX Datasheet HTML 33Page - Actel Corporation A32100DX Datasheet HTML 34Page - Actel Corporation A32100DX Datasheet HTML 35Page - Actel Corporation A32100DX Datasheet HTML 36Page - Actel Corporation A32100DX Datasheet HTML 37Page - Actel Corporation A32100DX Datasheet HTML 38Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 98 page
background image
34
A1 28 0XL Ti m i ng Cha r act e r i s t i cs (continued)
(W or s t - C as e M i l i t a r y Cond i t i o n s , V CC = 4.5 V, TJ = 1 25°C)
‘–1’ Speed
‘Std’ Speed
Parameter Description
Min.
Max.
Min.
Max.
Units
Input Module Propagation Delays
tINYH
Pad to Y High
1.5
1.7
ns
tINYL
Pad to Y Low
1.7
2.1
ns
tINGH
G to Y High
2.8
3.3
ns
tINGL
G to Y Low
3.7
4.3
ns
Input Module Predicted Routing Delays1
tRD1
FO=1 Routing Delay
4.6
5.3
ns
tRD2
FO=2 Routing Delay
5.2
6.1
ns
tRD3
FO=3 Routing Delay
5.5
6.5
ns
tRD4
FO=4 Routing Delay
6.4
7.5
ns
tRD8
FO=8 Routing Delay
9.2
10.8
ns
Global Clock Network
tCKH
Input Low to High
FO = 32
FO = 384
7.1
8.0
8.4
9.5
ns
tCKL
Input High to Low
FO = 32
FO = 384
7.0
8.0
8.3
9.5
ns
tPWH
Minimum Pulse Width High
FO = 32
FO = 384
4.3
4.8
5.3
5.7
ns
tPWL
Minimum Pulse Width Low
FO = 32
FO = 384
4.3
4.8
5.3
5.7
ns
tCKSW
Maximum Skew
FO = 32
FO = 384
1.1
1.1
1.2
1.2
ns
tSUEXT
Input Latch External Setup
FO = 32
FO = 384
0.0
0.0
0.0
0.0
ns
tHEXT
Input Latch External Hold
FO = 32
FO = 384
3.6
4.6
4.2
5.3
ns
tP
Minimum Period
FO = 32
FO = 384
9.1
9.8
10.7
11.8
ns
fMAX
Maximum Frequency
FO = 32
FO = 384
110
100
90
85
MHz
Note:
1.
Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating device
performance. Post-route timing analysis or simulation is required to determine actual worst-case performance. Post-route timing is based
on actual routing delay measurements performed on the device prior to shipment. Optimization techniques may further reduce delays by 0
to 4 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com