Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A32100DX Datasheet(PDF) 40 Page - Actel Corporation

Part # A32100DX
Description  HiRel FPGAs
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX Datasheet(HTML) 40 Page - Actel Corporation

Back Button A32100DX Datasheet HTML 36Page - Actel Corporation A32100DX Datasheet HTML 37Page - Actel Corporation A32100DX Datasheet HTML 38Page - Actel Corporation A32100DX Datasheet HTML 39Page - Actel Corporation A32100DX Datasheet HTML 40Page - Actel Corporation A32100DX Datasheet HTML 41Page - Actel Corporation A32100DX Datasheet HTML 42Page - Actel Corporation A32100DX Datasheet HTML 43Page - Actel Corporation A32100DX Datasheet HTML 44Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 98 page
background image
40
A1 46 0A T i m i n g C har a c t e r i st i c s
(W or s t - C as e M i l i t a r y Cond i t i o n s , V CC = 4.5 V, TJ = 1 25°C)
‘–1’ Speed
‘Std’ Speed
Parameter
Description
Min.
Max.
Min.
Max.
Units
Logic Module Propagation Delays1
tPD
Internal Array Module
3.0
3.5
ns
tCO
Sequential Clock to Q
3.0
3.5
ns
tCLR
Asynchronous Clear to Q
3.0
3.5
ns
Logic Module Predicted Routing Delays2
tRD1
FO=1 Routing Delay
1.3
1.5
ns
tRD2
FO=2 Routing Delay
1.9
2.1
ns
tRD3
FO=3 Routing Delay
2.1
2.5
ns
tRD4
FO=4 Routing Delay
2.6
2.9
ns
tRD8
FO=8 Routing Delay
4.2
4.9
ns
Logic Module Sequential Timing
tSUD
Flip-Flop (Latch) Data Input Setup
0.9
1.0
ns
tHD
Flip-Flop (Latch) Data Input Hold
0.0
0.0
ns
tSUENA
Flip-Flop (Latch) Enable Setup
0.9
1.0
ns
tHENA
Flip-Flop (Latch) Enable Hold
0.0
0.0
ns
tWASYN
Asynchronous Pulse Width
4.8
5.6
ns
tWCLKA
Flip-Flop Clock Pulse Width
4.8
5.6
ns
tA
Flip-Flop Clock Input Period
9.9
11.6
ns
fMAX
Flip-Flop Clock Frequency
100
85
MHz
Input Module Propagation Delays
tINY
Input Data Pad to Y
4.2
4.9
ns
tICKY
Input Reg IOCLK Pad to Y
7.0
8.2
ns
tOCKY
Output Reg IOCLK Pad to Y
7.0
8.2
ns
tICLRY
Input Asynchronous Clear to Y
7.0
8.2
ns
tOCLRY
Output Asynchronous Clear to Y
7.0
8.2
ns
Input Module Predicted Routing Delays2, 3
tIRD1
FO=1 Routing Delay
1.3
1.5
ns
tIRD2
FO=2 Routing Delay
1.9
2.1
ns
tIRD3
FO=3 Routing Delay
2.1
2.5
ns
tIRD4
FO=4 Routing Delay
2.6
2.9
ns
tIRD8
FO=8 Routing Delay
4.2
4.9
ns
Notes:
1.
For dual-module macros, use tPD + tRD1 + tPDn , tCO + tRD1 + tPDn , or tPD1 + tRD1 + tSUD , whichever is appropriate.
2.
Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating device
performance. Post-route timing analysis or simulation is required to determine actual worst-case performance. Post-route timing is
based on actual routing delay measurements performed on the device prior to shipment.
3.
Optimization techniques may further reduce delays by 0 to 4 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com