Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A32100DX Datasheet(PDF) 55 Page - Actel Corporation

Part # A32100DX
Description  HiRel FPGAs
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX Datasheet(HTML) 55 Page - Actel Corporation

Back Button A32100DX Datasheet HTML 51Page - Actel Corporation A32100DX Datasheet HTML 52Page - Actel Corporation A32100DX Datasheet HTML 53Page - Actel Corporation A32100DX Datasheet HTML 54Page - Actel Corporation A32100DX Datasheet HTML 55Page - Actel Corporation A32100DX Datasheet HTML 56Page - Actel Corporation A32100DX Datasheet HTML 57Page - Actel Corporation A32100DX Datasheet HTML 58Page - Actel Corporation A32100DX Datasheet HTML 59Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 98 page
background image
55
Hi R e l F P GA s
A3 22 00 DX Ti m i n g Ch ar ac te r i st i c s (continued)
(Wors t-C ase Mi litary Conditions , V CC = 4.5V, TJ = 125°C)
‘–1’ Speed
‘Std’ Speed
Parameter
Description
Min.
Max.
Min.
Max.
Units
TTL Output Module Timing1
tDLH
Data to Pad High
5.1
6.8
ns
tDHL
Data to Pad Low
6.3
8.3
ns
tENZH
Enable Pad Z to High
6.6
8.8
ns
tENZL
Enable Pad Z to Low
7.1
9.5
ns
tENHZ
Enable Pad High to Z
11.5
15.3
ns
tENLZ
Enable Pad Low to Z
11.5
15.3
ns
tGLH
G to Pad High
11.5
15.3
ns
tGHL
G to Pad Low
12.3
16.5
ns
tLSU
I/O Latch Output Setup
0.4
0.5
ns
tLH
I/O Latch Output Hold
0.0
0.0
ns
tLCO
I/O Latch Clock-Out (Pad-to-Pad) 32 I/O
11.5
15.4
ns
tACO
Array Latch Clock-Out (Pad-to-Pad) 32 I/O
16.3
21.7
ns
dTLH
Capacitive Loading, Low to High
0.04
0.06
ns/pF
dTHL
Capacitive Loading, High to Low
0.06
0.08
ns/pF
tWDO
Hard-Wired Wide Decode Output
0.05
0.07
ns
CMOS Output Module Timing1
tDLH
Data to Pad High
5.1
6.8
ns
tDHL
Data to Pad Low
6.3
8.3
ns
tENZH
Enable Pad Z to High
6.6
8.8
ns
tENZL
Enable Pad Z to Low
7.1
9.5
ns
tENHZ
Enable Pad High to Z
11.5
15.3
ns
tENLZ
Enable Pad Low to Z
11.5
15.3
ns
tGLH
G to Pad High
11.5
15.3
ns
tGHL
G to Pad Low
12.3
16.5
ns
tLSU
I/O Latch Setup
0.4
0.5
ns
tLH
I/O Latch Hold
0.0
0.0
ns
tLCO
I/O Latch Clock-Out (Pad-to-Pad) 32 I/O
13.7
18.2
ns
tACO
Array Latch Clock-Out (Pad-to-Pad) 32 I/O
19.2
25.6
ns
dTLH
Capacitive Loading, Low to High
0.06
0.08
ns/pF
dTHL
Capacitive Loading, High to Low
0.05
0.07
ns/pF
tWDO
Hard-Wired Wide Decode Output
0.05
0.07
ns
Notes:
1.
Delays based on 35 pF loading.
2.
SSO information can be found in the Simultaneously Switching Output Limits for Actel FPGAs application note at
http://www.actel.com/appnotes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com