Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP481 Datasheet(PDF) 40 Page - Analog Devices

Part # OP481
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481 Datasheet(HTML) 40 Page - Analog Devices

Back Button OP481 Datasheet HTML 36Page - Analog Devices OP481 Datasheet HTML 37Page - Analog Devices OP481 Datasheet HTML 38Page - Analog Devices OP481 Datasheet HTML 39Page - Analog Devices OP481 Datasheet HTML 40Page - Analog Devices OP481 Datasheet HTML 41Page - Analog Devices OP481 Datasheet HTML 42Page - Analog Devices OP481 Datasheet HTML 43Page - Analog Devices OP481 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 40 of 88
The endpoint nonlinearities illustrated in Figure 43 become
worse as a function of output loading. Most of the part’s
specifications assume a 10 kΩ resistive load to ground at the
DAC output. As the output is forced to source or sink more
current, the nonlinear regions at the top or bottom (respectively)
of Figure 43 become larger. Larger current demands can sig-
nificantly limit output voltage swing. Figure 44 and Figure 45
illustrate this behavior. Note that the upper trace in each of
these figures is valid only for an output range selection of
0 V-to-AVDD. In 0 V-to-VREF mode, DAC loading does not cause
high-side voltage drops as long as the reference voltage remains
below the upper trace in the corresponding figure. For example,
if AVDD = 3 V and VREF = 2.5 V, the high-side voltage is not be
affected by loads less than 5 mA. But somewhere around 7 mA,
the upper curve in Figure 45 drops below 2.5 V (VREF), indicating
that at these higher currents the output is not capable of
reaching VREF.
To reduce the effects of the saturation of the output amplifier at
values close to ground and to give reduced offset and gain errors,
the internal buffer can be bypassed. This is done by setting the
DBUF bit in the CFG841/CFG842 register. This allows a full
rail-to-rail output from the DAC, which should then be buffered
externally using a dual-supply op amp in order to get a rail-to-
rail output. This external buffer should be located as close as
physically possible to the DAC output pin on the PCB. Note that
the unbuffered mode works only in the 0 V to VREF range.
To drive significant loads with the DAC outputs, external
buffering may be required (even with the internal buffer
enabled), as illustrated in Figure 46. Table 11 lists some
recommended op amps.
ADuC841/
ADuC842
DAC0
DAC1
Figure 46. Buffering the DAC Outputs
The DAC output buffer also features a high impedance disable
function. In the chip’s default power-on state, both DACs are
disabled, and their outputs are in a high impedance state (or
three-state) where they remain inactive until enabled in
software. This means that if a zero output is desired during
power-up or power-down transient conditions, then a pull-
down resistor must be added to each DAC output. Assuming
this resistor is in place, the DAC outputs remain at ground
potential whenever the DAC is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com