Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP481 Datasheet(PDF) 80 Page - Analog Devices

Part # OP481
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481 Datasheet(HTML) 80 Page - Analog Devices

Back Button OP481 Datasheet HTML 76Page - Analog Devices OP481 Datasheet HTML 77Page - Analog Devices OP481 Datasheet HTML 78Page - Analog Devices OP481 Datasheet HTML 79Page - Analog Devices OP481 Datasheet HTML 80Page - Analog Devices OP481 Datasheet HTML 81Page - Analog Devices OP481 Datasheet HTML 82Page - Analog Devices OP481 Datasheet HTML 83Page - Analog Devices OP481 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 80 of 88
Parameter
16 MHz Core Clk
8 MHz Core Clock
EXTERNAL DATA MEMORY WRITE CYCLE
Min
Max
Min
Max
Unit
tWLWH
WR Pulse Width
65
130
ns
tAVLL
Address Valid after ALE Low
60
120
ns
tLLAX
Address Hold after ALE Low
65
135
ns
tLLWL
ALE Low to RD or WR Low
130
260
ns
tAVWL
Address Valid to RD or WR Low
190
375
ns
tQVWX
Data Valid to WR Transition
60
120
ns
tQVWH
Data Setup before WR
120
250
ns
tWHQX
Data and Address Hold after WR
380
755
ns
tWHLH
RD or WR High to ALE High
60
125
ns
ALE (O)
PORT 2 (O)
tWHLH
tWLWH
tLLWL
tAVWL
tLLAX
tAVLL
tQVWX
tQVWH
tWHQX
A0 A7
DATA
A16 A23
V8 A15
PSEN (O)
WR (O)
Figure 89. External Data Memory Write Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com