Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP481 Datasheet(PDF) 85 Page - Analog Devices

Part # OP481
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481 Datasheet(HTML) 85 Page - Analog Devices

Back Button OP481 Datasheet HTML 80Page - Analog Devices OP481 Datasheet HTML 81Page - Analog Devices OP481 Datasheet HTML 82Page - Analog Devices OP481 Datasheet HTML 83Page - Analog Devices OP481 Datasheet HTML 84Page - Analog Devices OP481 Datasheet HTML 85Page - Analog Devices OP481 Datasheet HTML 86Page - Analog Devices OP481 Datasheet HTML 87Page - Analog Devices OP481 Datasheet HTML 88Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 85 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 85 of 88
Parameter
SPI SLAVE MODE TIMING (CPHA = 0)
Min
Typ
Max
Unit
tSS
SS to SCLOCK Edge
0
ns
tSL
SCLOCK Low Pulse Width
330
ns
tSH
SCLOCK High Pulse Width
330
ns
tDAV
Data Output Valid after SCLOCK Edge
50
ns
tDSU
Data Input Setup Time before SCLOCK Edge
100
ns
tDHD
Data Input Hold Time after SCLOCK Edge
100
ns
tDF
Data Output Fall Time
10
25
ns
tDR
Data Output Rise Time
10
25
ns
tSR
SCLOCK Rise Time
10
25
ns
tSF
SCLOCK Fall Time
10
25
ns
tDOSS
Data Output Valid after SS Edge
20
ns
tSFS
SS High after SCLOCK Edge
ns
MISO
MOSI
SCLOCK
(CPOL = 1)
SCLOCK
(CPOL = 0)
SS
MSB
BITS 6–1
LSB
BITS 6–1
LSB IN
t
DHD
t
DSU
t
DR
t
DF
t
DAV
t
DOSS
t
SH
t
SL
t
SR
t
SF
t
SFS
MSB IN
t
SS
Figure 94. SPI Slave Mode Timing (CPHA = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com