Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP481 Datasheet(PDF) 86 Page - Analog Devices

Part # OP481
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481 Datasheet(HTML) 86 Page - Analog Devices

Back Button OP481 Datasheet HTML 80Page - Analog Devices OP481 Datasheet HTML 81Page - Analog Devices OP481 Datasheet HTML 82Page - Analog Devices OP481 Datasheet HTML 83Page - Analog Devices OP481 Datasheet HTML 84Page - Analog Devices OP481 Datasheet HTML 85Page - Analog Devices OP481 Datasheet HTML 86Page - Analog Devices OP481 Datasheet HTML 87Page - Analog Devices OP481 Datasheet HTML 88Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 86 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 86 of 88
OUTLINE DIMENSIONS
SEATING
PLANE
VIEW A
0.23
0.11
2.45
MAX
1.03
0.88
0.73
TOP VIEW
(PINS DOWN)
1
39
40
13
14
27
26
52
PIN 1
0.65 BSC
14.15
13.90 SQ
13.65
7.80
REF
10.20
10.00 SQ
9.80
0.38
0.22
VIEW A
ROTATED 90° CCW
7°
0°
2.10
2.00
1.95
0.13 MIN
COPLANARITY
COMPLIANT TO JEDEC STANDARDS MO-112-AC-1
Figure 95. 52-Lead Plastic Quad Flatpack [MQFP]
(S-52)
Dimensions shown in millimeters
PIN 1
INDICATOR
TOP
VIEW
7.75
BSC SQ
8.00
BSC SQ
1
56
14
15
43
42
28
29
BOTTOM
VIEW
6.25
6.10
5.95
0.50
0.40
0.30
0.30
0.23
0.18
0.50 BSC
0.20 REF

12° MAX
0.80 MAX
0.65 TYP
1.00
0.85
0.80
6.50
REF
SEATING
PLANE
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
COPLANARITY
0.08
SQ
0.05 MAX
0.02 NOM
0.25 MIN
COMPLIANT TO JEDEC STANDARDS MO-220-VLLD-2
Figure 96. 56-Lead Frame Chip Scale Package [LFCSP]
8 mm × 8 mm Body (CP-56)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com