Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP481 Datasheet(PDF) 18 Page - Analog Devices

Part # OP481
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481 Datasheet(HTML) 18 Page - Analog Devices

Back Button OP481 Datasheet HTML 14Page - Analog Devices OP481 Datasheet HTML 15Page - Analog Devices OP481 Datasheet HTML 16Page - Analog Devices OP481 Datasheet HTML 17Page - Analog Devices OP481 Datasheet HTML 18Page - Analog Devices OP481 Datasheet HTML 19Page - Analog Devices OP481 Datasheet HTML 20Page - Analog Devices OP481 Datasheet HTML 21Page - Analog Devices OP481 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 18 of 88
Mnemonic
Description
Bytes
Cycles
Branching
JMP @A+DPTR
Jump indirect relative to DPTR
1
3
RET
Return from subroutine
1
4
RETI
Return from interrupt
1
4
ACALL addr11
Absolute jump to subroutine
2
3
AJMP addr11
Absolute jump unconditional
2
3
SJMP rel
Short jump (relative address)
2
3
JC rel
Jump on carry equal to 1
2
3
JNC rel
Jump on carry equal to 0
2
3
JZ rel
Jump on accumulator = 0
2
3
JNZ rel
Jump on accumulator not equal to 0
2
3
DJNZ Rn,rel
Decrement register, JNZ relative
2
3
LJMP
Long jump unconditional
3
4
LCALL addr16
Long jump to subroutine
3
4
JB bit,rel
Jump on direct bit = 1
3
4
JNB bit,rel
Jump on direct bit = 0
3
4
JBC bit,rel
Jump on direct bit = 1 and clear
3
4
CJNE A,dir,rel
Compare A, direct JNE relative
3
4
CJNE A,#data,rel
Compare A, immediate JNE relative
3
4
CJNE Rn,#data,rel
Compare register, immediate JNE relative
3
4
CJNE @Ri,#data,rel
Compare indirect, immediate JNE relative
3
4
DJNZ dir,rel
Decrement direct byte, JNZ relative
3
4
Miscellaneous
NOP
No operation
1
1
1. One cycle is one clock.
2. Cycles of MOVX instructions are four cycles when they have 0 wait state. Cycles of MOVX instructions are 4 + n cycles when they have n wait states.
3. Cycles of LCALL instruction are three cycles when the LCALL instruction comes from interrupt.
OTHER SINGLE-CYCLE CORE FEATURES
Timer Operation
Timers on a standard 8052 increment by 1 with each machine
cycle. On the ADuC841/ADuC842/ADuC843, one machine
cycle is equal to one clock cycle; therefore the timers increment
at the same rate as the core clock.
ALE
The output on the ALE pin on a standard 8052 part is a clock at
1/6th of the core operating frequency. On the ADuC841/
ADuC842/ADuC843 the ALE pin operates as follows. For a
single machine cycle instruction,ALE is high for the first half of
the machine cycle and low for the second half. The ALE output
is at the core operating frequency. For a two or more machine
cycle instruction, ALE is high for the first half of the first
machine cycle and low for the rest of the machine cycles.
External Memory Access
There is no support for external program memory access on the
parts. When accessing external RAM, the EWAIT register may
need to be programmed to give extra machine cycles to MOVX
commands. This is to account for differing external RAM access
speeds.
EWAIT SFR
SFR Address
9FH
Power-On Default
00H
Bit Addressable
No
This special function register (SFR) is programmed with the
number of wait states for a MOVX instruction. This value can
range from 0H to 7H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com