Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP481 Datasheet(PDF) 24 Page - Analog Devices

Part # OP481
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481 Datasheet(HTML) 24 Page - Analog Devices

Back Button OP481 Datasheet HTML 20Page - Analog Devices OP481 Datasheet HTML 21Page - Analog Devices OP481 Datasheet HTML 22Page - Analog Devices OP481 Datasheet HTML 23Page - Analog Devices OP481 Datasheet HTML 24Page - Analog Devices OP481 Datasheet HTML 25Page - Analog Devices OP481 Datasheet HTML 26Page - Analog Devices OP481 Datasheet HTML 27Page - Analog Devices OP481 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 24 of 88
ADCCON1—(ADC Control SFR 1)
The ADCCON1 register controls conversion and acquisition
times, hardware conversion modes, and power-down modes as
detailed below.
SFR Address
EFH
SFR Power-On Default
40H
Bit Addressable
No
Table 7. ADCCON1 SFR Bit Designations
Bit No.
Name
Description
7
MD1
The mode bit selects the active operating mode of the ADC.
Set by the user to power up the ADC.
Cleared by the user to power down the ADC.
6
EXT_REF
Set by the user to select an external reference.
Cleared by the user to use the internal reference.
The ADC clock divide bits (CK1, CK0) select the divide ratio for the PLL master clock (ADuC842/ADuC843) or the
external crystal (ADuC841) used to generate the ADC clock. To ensure correct ADC operation, the divider ratio
must be chosen to reduce the ADC clock to 8.38 MHz or lower. A typical ADC conversion requires 16 ADC clocks
plus the selected acquisition time.
The divider ratio is selected as follows:
5
4
CK1
CK0
CK1
0
0
1
1
CK0
0
1
0
1
MCLK Divider
32
4 (Do not use with a CD setting of 0)
8
2
The ADC acquisition select bits (AQ1, AQ0) select the time provided for the input track-and-hold amplifier to
acquire the input signal. An acquisition of three or more ADC clocks is recommended; clocks are as follows:
3
2
AQ1
AQ0
AQ1
0
0
1
1
AQ0
0
1
0
1
No. ADC Clks
1
2
3
4
1
T2C
The Timer 2 conversion bit (T2C) is set by the user to enable the Timer 2 overflow bit to be used as the ADC
conversion start trigger input.
0
EXC
The external trigger enable bit (EXC) is set by the user to allow the external Pin P3.5 (CONVST) to be used as the
active low convert start input. This input should be an active low pulse (minimum pulse width >100 ns) at the
required sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com