Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP481 Datasheet(PDF) 16 Page - Analog Devices

Part # OP481
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481 Datasheet(HTML) 16 Page - Analog Devices

Back Button OP481 Datasheet HTML 12Page - Analog Devices OP481 Datasheet HTML 13Page - Analog Devices OP481 Datasheet HTML 14Page - Analog Devices OP481 Datasheet HTML 15Page - Analog Devices OP481 Datasheet HTML 16Page - Analog Devices OP481 Datasheet HTML 17Page - Analog Devices OP481 Datasheet HTML 18Page - Analog Devices OP481 Datasheet HTML 19Page - Analog Devices OP481 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 16 of 88
FUNCTIONAL DESCRIPTION
8052 INSTRUCTION SET
Table 4 documents the number of clock cycles required for each
instruction. Most instructions are executed in one or two clock
cycles, resulting in a 16 MIPS peak performance when operating
at PLLCON = 00H on the ADuC842/ADuC843. On the ADuC841,
20 MIPS peak performance is possible with a 20 MHz external
crystal.
Table 4. Instructions
Mnemonic
Description
Bytes
Cycles
Arithmetic
ADD A,Rn
Add register to A
1
1
ADD A,@Ri
Add indirect memory to A
1
2
ADD A,dir
Add direct byte to A
2
2
ADD A,#data
Add immediate to A
2
2
ADDC A,Rn
Add register to A with carry
1
1
ADDC A,@Ri
Add indirect memory to A with carry
1
2
ADDC A,dir
Add direct byte to A with carry
2
2
ADD A,#data
Add immediate to A with carry
2
2
SUBB A,Rn
Subtract register from A with borrow
1
1
SUBB A,@Ri
Subtract indirect memory from A with borrow
1
2
SUBB A,dir
Subtract direct from A with borrow
2
2
SUBB A,#data
Subtract immediate from A with borrow
2
2
INC A
Increment A
1
1
INC Rn
Increment register
1
1
INC @Ri
Increment indirect memory
1
2
INC dir
Increment direct byte
2
2
INC DPTR
Increment data pointer
1
3
DEC A
Decrement A
1
1
DEC Rn
Decrement register
1
1
DEC @Ri
Decrement indirect memory
1
2
DEC dir
Decrement direct byte
2
2
MUL AB
Multiply A by B
1
9
DIV AB
Divide A by B
1
9
DA A
Decimal adjust A
1
2
Logic
ANL A,Rn
AND register to A
1
1
ANL A,@Ri
AND indirect memory to A
1
2
ANL A,dir
AND direct byte to A
2
2
ANL A,#data
AND immediate to A
2
2
ANL dir,A
AND A to direct byte
2
2
ANL dir,#data
AND immediate data to direct byte
3
3
ORL A,Rn
OR register to A
1
1
ORL A,@Ri
OR indirect memory to A
1
2
ORL A,dir
OR direct byte to A
2
2
ORL A,#data
OR immediate to A
2
2
ORL dir,A
OR A to direct byte
2
2
ORL dir,#data
OR immediate data to direct byte
3
3
XRL A,Rn
Exclusive-OR register to A
1
1
XRL A,@Ri
Exclusive-OR indirect memory to A
2
2
XRL A,#data
Exclusive-OR immediate to A
2
2
XRL dir,A
Exclusive-OR A to direct byte
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com