Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1031CPWR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # THS1031CPWR
Description  3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1031CPWR Datasheet(HTML) 30 Page - Texas Instruments

Back Button THS1031CPWR Datasheet HTML 26Page - Texas Instruments THS1031CPWR Datasheet HTML 27Page - Texas Instruments THS1031CPWR Datasheet HTML 28Page - Texas Instruments THS1031CPWR Datasheet HTML 29Page - Texas Instruments THS1031CPWR Datasheet HTML 30Page - Texas Instruments THS1031CPWR Datasheet HTML 31Page - Texas Instruments THS1031CPWR Datasheet HTML 32Page - Texas Instruments THS1031CPWR Datasheet HTML 33Page - Texas Instruments THS1031CPWR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
THS1031
3-V TO 5.5-V, 10-BIT, 30 MSPS
CMOS ANALOG-TO-DIGITAL CONVERTER
SLAS242E – NOVEMBER 1999 – REVISED MARCH 2002
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
details
The above value for RAIN is derived by noting that the average AIN voltage must equal the bias voltage supplied
by the ac coupling network. The average value of VLAST in equation 13 is thus a constant voltage
VLAST = V(AIN bias) – VM
For an input voltage Vin at the AIN pin,
Qin = (VIN – VLAST) × CS
Provided that f (–3 dB) is much lower than fclk, a constant current flowing over the clock period can approximate
the input charging pulse
IIN
= Qin/tclk
= Qin
× fclk
= (Vin – VLAST) × CS × fclk
The ac input resistance RAIN is then
RAIN = dIin/dVin
= 1 / (dVin / dIin)
= 1 / (CS x fclk)
driving the VREF pin (differential mode)
Figure 35 shows the equivalent load on the VREF pin when driving the internal reference buffer via this pin
(MODE = AVDD/2 and REFSENSE = AVDD).
AVDD
AGND
AVDD + VREF/4
VREF
RIN
14 k
Ω
REFSENSE = AVDD,
Mode =
_
+
44
AVDD
2
Figure 35. Equivalent Circuit of VREF
The current flowing into IIN is given by
I
IN +
(3
VREF
* AV
DD
)
(4
R
IN
)
Note that the actual IIN may differ from this value by up to 50% due to device-to-device processing variations
and allowing for operating temperature variations.
The user should ensure that VREF is driven from a low noise, low drift source, well-decoupled to analog ground
and capable of driving IIN.
(13)
(14)
(15)
(16)
(17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com