Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1031CPWR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # THS1031CPWR
Description  3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1031CPWR Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS1031CPWR Datasheet HTML 28Page - Texas Instruments THS1031CPWR Datasheet HTML 29Page - Texas Instruments THS1031CPWR Datasheet HTML 30Page - Texas Instruments THS1031CPWR Datasheet HTML 31Page - Texas Instruments THS1031CPWR Datasheet HTML 32Page - Texas Instruments THS1031CPWR Datasheet HTML 33Page - Texas Instruments THS1031CPWR Datasheet HTML 34Page - Texas Instruments THS1031CPWR Datasheet HTML 35Page - Texas Instruments THS1031CPWR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
THS1031
3-V TO 5.5-V, 10-BIT, 30 MSPS
CMOS ANALOG-TO-DIGITAL CONVERTER
SLAS242E – NOVEMBER 1999 – REVISED MARCH 2002
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
driving REFTF and REFBF (full external reference mode)
AVDD
AGND
AVDD
AGND
680
Ω
To REFBS
(For Kelvin Connection)
To REFTS
(For Kelvin Connection)
REFTF
REFBF
Figure 38. Equivalent Circuit of REFTF and REFBF Inputs
Note the need for off-chip decoupling.
clamp operation
The clamp voltage output level may be established by an analog voltage on the CLAMPIN pin or by
programming the on-chip clamp DAC.
clamp acquisition time
Figure 39 shows the basic operation of the clamp circuit with the analog input AIN coupled via an RC circuit.
10-Bit
DAC
_
+
CLAMPIN
CLAMP
AIN
RIN
CIN
VCLAMP
Control Register
S/H
VIN
SW1
Figure 39. Schematic of Clamp Circuitry
After powerup, the clamp circuit requires SW1 to be closed to charge the coupling capacitor, CIN, to the voltage
required to set the dc clamp level at AIN. The charging time required to set the correct clamp voltage is called
the clamp acquisition time, tACQ:
t
ACQ +
C
IN
R
IN
In
Vc
Ve
Vc is the difference between the dc bias voltage level of the input signal, VIN, and the target clamp output voltage,
V(clamp). Ve is the difference between the ideal Vc and the actual Vc obtained during the acquisition time. The
maximum tolerable error depends on the application requirements.
(19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com