Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1031CPWR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # THS1031CPWR
Description  3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1031CPWR Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS1031CPWR Datasheet HTML 16Page - Texas Instruments THS1031CPWR Datasheet HTML 17Page - Texas Instruments THS1031CPWR Datasheet HTML 18Page - Texas Instruments THS1031CPWR Datasheet HTML 19Page - Texas Instruments THS1031CPWR Datasheet HTML 20Page - Texas Instruments THS1031CPWR Datasheet HTML 21Page - Texas Instruments THS1031CPWR Datasheet HTML 22Page - Texas Instruments THS1031CPWR Datasheet HTML 23Page - Texas Instruments THS1031CPWR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
THS1031
3-V TO 5.5-V, 10-BIT, 30 MSPS
CMOS ANALOG-TO-DIGITAL CONVERTER
SLAS242E – NOVEMBER 1999 – REVISED MARCH 2002
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
onboard reference generator configuration
The onboard reference generator (ORG) can supply a supply-voltage-independent and temperature-
independent voltage on pin VREF.
External connections to REFSENSE control the ORG’s output to the VREF pin as shown in Table 2.
Table 2. Effect of REFSENSE Connection on VREF Value
REFSENSE CONNECTION
ORG OUTPUT TO VREF
REFER TO:
VREF pin
1 V
Figure 20
AGND
2 V
Figure 21
External divider junction
(1 + RA/RB)
Figure 22
AVDD
Open circuit
Figure 23
REFSENSE = AVDD powers the ORG down, saving power when the ORG function is not required.
If MODE = AVDD/2, the voltage on VREF determines the ADC reference voltages:
REFTF
+
AV
DD
2
) VREF
2
REFBF
+
AV
DD
2
* VREF
2
REFTF
* REFBF + VREF
_
+
_
+
VBG
Internal
Reference
Buffer
Mode =
REFSENSE
0.1
µF 1 µF
Tantalum
AGND
VREF = 1 V
AVDD
2
Figure 20. 1-V VREF Using ORG
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com