Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1031CPWR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # THS1031CPWR
Description  3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1031CPWR Datasheet(HTML) 26 Page - Texas Instruments

Back Button THS1031CPWR Datasheet HTML 22Page - Texas Instruments THS1031CPWR Datasheet HTML 23Page - Texas Instruments THS1031CPWR Datasheet HTML 24Page - Texas Instruments THS1031CPWR Datasheet HTML 25Page - Texas Instruments THS1031CPWR Datasheet HTML 26Page - Texas Instruments THS1031CPWR Datasheet HTML 27Page - Texas Instruments THS1031CPWR Datasheet HTML 28Page - Texas Instruments THS1031CPWR Datasheet HTML 29Page - Texas Instruments THS1031CPWR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
THS1031
3-V TO 5.5-V, 10-BIT, 30 MSPS
CMOS ANALOG-TO-DIGITAL CONVERTER
SLAS242E – NOVEMBER 1999 – REVISED MARCH 2002
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
power management
In power-sensitive applications (such as battery-powered systems) where the THS1031 ADC is not required
to convert continuously, power can be saved between conversion intervals by placing the THS1031 into
power-down mode. This is achieved by setting bit 3 (PWDN) of the control register to 1. In power-down mode,
the device typically consumes less than 1 mW of power in either top/bottom or center-span modes. Power-down
mode is exited by resetting control register bit 3 to 0. On power up, the THS1031 typically requires 5 ms of
wake-up time before valid conversion results are available.
In systems where the ADC must run continuously, but where the clamp is not required, setting control register
bit 6 (CLDIS to 1), which disables only the clamp circuits, can save power.
Disabling the ORG in applications where the ORG output is not required can also reduce power dissipation by
1 mA analog IDD. This is achieved by connecting the REFSENSE pin to AVDD.
output format and digital I/O
While the OE pin is held low, ADC conversion results are output at pins I/O0 (LSB) to I/O9 (MSB). The ADC input
over-range indicator is output at pin OVR. OVR is also disabled when OE is held high.
The default ADC output data format is unsigned binary (output codes 0 to 1023). The output format can be
switched to 2s complement (output codes –512 to 511) by setting control register bit 5 (TWOC) to 1.
writing to the internal registers through the digital I/O bus
Pulling pin OE high disables the I/O and OVR pin output drivers, placing the driver outputs in a high impedance
state. This allows control register data to be loaded into the THS1031 by presenting it on the I/O0 to I/O9 pins
and pulsing the WR pin high to latch the data into the chosen control or DAC register.
Figure 31 shows an example register write cycle where the clamp DAC code is set to 10F (hex) by writing to
clamp registers 1 and 2 (see the register map in Table 3). Pins I/O0 to I/O7 are driven to the clamp DAC code
lower byte (0F hex) and pins I/08 and I/O9 are both driven to 0 to select clamp register 1 as the data destination.
The clamp low-byte data is then loaded into this register by pulsing WR high. The top 2 bits of the DAC word
are then loaded by driving 01(hex) on pins I/O0 to I/O7 and by driving pin I/O8 to 1 and pin I/O9 to 0 to select
clamp register 2 as the data destination. WR is pulsed a second time to latch this second control word into clamp
register 2. Interface timing parameters are given in Figures 1 and 2.
OE
WR
I/O (0–9)
Output
Input 00F
Input 101
Output
Load 0F Into
REGISTER 0
Load 01 Into
REGISTER 1
Figure 31. Example Register Write Cycle to Clamp DAC Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com