Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1031CPWR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # THS1031CPWR
Description  3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1031CPWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS1031CPWR Datasheet HTML 18Page - Texas Instruments THS1031CPWR Datasheet HTML 19Page - Texas Instruments THS1031CPWR Datasheet HTML 20Page - Texas Instruments THS1031CPWR Datasheet HTML 21Page - Texas Instruments THS1031CPWR Datasheet HTML 22Page - Texas Instruments THS1031CPWR Datasheet HTML 23Page - Texas Instruments THS1031CPWR Datasheet HTML 24Page - Texas Instruments THS1031CPWR Datasheet HTML 25Page - Texas Instruments THS1031CPWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
THS1031
3-V TO 5.5-V, 10-BIT, 30 MSPS
CMOS ANALOG-TO-DIGITAL CONVERTER
SLAS242E – NOVEMBER 1999 – REVISED MARCH 2002
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
onboard reference generator configuration (continued)
_
+
VBG
Internal
Reference
Buffer
Mode =
REFSENSE
AGND
VREF = External
AVDD
_
+
AVDD
2
Figure 23. Drive VREF Mode
operating configuration examples
This section provides examples of operating configurations.
Figure 24 shows the operating configuration in top/bottom mode for a 2-V span single-ended input, using VREF
to drive REFTS and with PGA gain = 1. Connecting the MODE pin to AVDD puts the THS1031 in top/bottom
mode. Connecting pin REFSENSE to AGND sets the output of the ORG to 2 V. REFTS and REFBS are
user-connected to VREF and AGND respectively to match the AIN pin input range to the voltage range of the
input signal.
AIN
REFTF
REFBF
REFSENSE
MODE
AVDD
2 V
0 V
0.1
µF
10
µF
0.1
µF
0.1
µF
1 V
VREF = 2 V
REFTS
REFBS
Figure 24. Operation Configuration in Top/Bottom Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com