Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1031CPWR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # THS1031CPWR
Description  3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1031CPWR Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS1031CPWR Datasheet HTML 23Page - Texas Instruments THS1031CPWR Datasheet HTML 24Page - Texas Instruments THS1031CPWR Datasheet HTML 25Page - Texas Instruments THS1031CPWR Datasheet HTML 26Page - Texas Instruments THS1031CPWR Datasheet HTML 27Page - Texas Instruments THS1031CPWR Datasheet HTML 28Page - Texas Instruments THS1031CPWR Datasheet HTML 29Page - Texas Instruments THS1031CPWR Datasheet HTML 30Page - Texas Instruments THS1031CPWR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
THS1031
3-V TO 5.5-V, 10-BIT, 30 MSPS
CMOS ANALOG-TO-DIGITAL CONVERTER
SLAS242E – NOVEMBER 1999 – REVISED MARCH 2002
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
digital control registers
The THS1031 contains two clamp registers and a control register for user programming of THS1031 operation.
Binary data can be written into these registers by using pins I/O0 to I/O9 and the WR and OE pins (see the
previous section). In input mode, the two I/O bus MSBs are address bits, 00 addressing clamp register 1, 01
clamp register 2, and 10 the control register.
Table 3. Register Map
ADDRESS
DESCRIPTION
DEF
BIT
I/O[9:8]
DESCRIPTION
(HEX)
B7
B6
B5
B4
B3
B2
B1
B0
00
Clamp Reg. 1
00
DAC[7]
DAC[6]
DAC[5]
DAC[4]
DAC[3]
DAC[2]
DAC[1]
DAC[0]
01
Clamp Reg. 2
00
DAC[9]
DAC[8]
10
Control Reg.
01
CLDIS
TWOC
CLINT
PDWN
PGA[2]
PGA[1]
PGA[0]
11
Reserved
Table 4. Register Contents
REGISTER
BIT NO
BIT NAME(S)
DEFAULT
DESCRIPTION
2:0
PGA[2:0]
0
PGA gain:
000 = 0.5
001 = 1.0 (default value)
010 = 1.5
011 = 2.0
100 = 2.5
101 = 3.0
110 = 3.5
111 = 4.0
Control Register
I/O[9:8] = 10
3
PDWN
0
Power down
0 = THS1031 powered up
1 = THS1031 powered down
I/O[9:8] = 10
4
CLINT
0
Clamp voltage internal/external
0 = external analog clamp voltage from CLAMPIN pin
1 = from onboard DAC (see clamp register)
5
TWOC
0
Output format
0 = unsigned binary
1 = two’s complement
6
CLDIS
0
Clamp amplifier disable (for power saving)
0 = Enable
1 = Disable
7
Unused
Clamp Register 1
I/O[9:8] = 00
7:0
DAC[7:0]
0
Clamp DAC voltage
(DAC[0] = LSB.)
DAC[9:0] = 00h: Clamp voltage = REFBF
DAC[9:0] = 3Fh: Clamp voltage = REFTF
Clamp Register 2
7:2
Unused
Clamp Register 2
I/O[9:8] = 01
1:0
DAC[9:8]
0
Clamp DAC voltage
(DAC[9] = MSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com