Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1031CPWR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # THS1031CPWR
Description  3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1031CPWR Datasheet(HTML) 33 Page - Texas Instruments

Back Button THS1031CPWR Datasheet HTML 29Page - Texas Instruments THS1031CPWR Datasheet HTML 30Page - Texas Instruments THS1031CPWR Datasheet HTML 31Page - Texas Instruments THS1031CPWR Datasheet HTML 32Page - Texas Instruments THS1031CPWR Datasheet HTML 33Page - Texas Instruments THS1031CPWR Datasheet HTML 34Page - Texas Instruments THS1031CPWR Datasheet HTML 35Page - Texas Instruments THS1031CPWR Datasheet HTML 36Page - Texas Instruments THS1031CPWR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
THS1031
3-V TO 5.5-V, 10-BIT, 30 MSPS
CMOS ANALOG-TO-DIGITAL CONVERTER
SLAS242E – NOVEMBER 1999 – REVISED MARCH 2002
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
clamp acquisition time (continued)
For example, consider clamping an incoming video signal that has a black level near 0.3 V to a black level of
1.3 V at the THS1031 input. The voltage Vc required across the input coupling capacitor is thus 1.3 – 0.3 = 1 V.
If a 10 mV or less clamp voltage error Ve will give acceptable system operation, if the source resistance Rin is
20
Ω and the coupling capacitor CIN is 1 µF, then the total clamp pulse duration required to reach this error is:
t
ACQ +
C
IN
R
IN
In
Vc
Ve
+ 1 mF
20
W
In
1
0.01
= 92
µs (approximately)
Note that SW1 does not have to be closed continuously until the desired clamp voltage is achieved. The clamp
level can be acquired over a longer interval by using a series of shorter clamp pulses with total pulse duration
at least equal to the acquisition time calculated using equation 19.
droop
The charge pulses entering or leaving AIN caused by the sample and hold switched capacitor input can charge
or discharge CIN, causing the voltage at AIN to drift toward VM (the average of REFTS and REFBS) during the
time between clamp pulses. This effect is called clamp droop and can be seen as a slow change in the ADC
output code when the input signal is a constant dc level. Through careful clamp circuit design, this droop can
be kept below 1 LSB, giving no change in the ADC output between clamp pulses.
The clamp voltage droop is a function of the input current to the THS1031 and the time between clamp pulses,
td
V
DROOP +
I
IN
C
IN
td (approximately)
Where:
I
IN +
(V
AIN
– VM)
2
R
AIN
+ (V
AIN – VM)
CS
fclk
2
RAIN is the input resistance given by equation 20. Cs is approximately 2.5 pF. Substituting IIN into the droop
voltage equation gives
V
DROOP +
(V
AIN – VM)
CS
td
(2
C
IN)
Note that IIN has maximum value when VAIN is either +FS or –FS, and so the droop rate is worst then the clamp
level is near either full-scale input voltage. There is no droop when the clamp level equals VM because IIN is
zero. Note that the actual voltage droop may be up to 50% more than given by equation 22 when allowing for
temperature variations and device to device processing variations.
For example, with CIN = 1 µF at fclk = 30 MSPS conversion rate in top/bottom mode with REFTS = 2.5 V and
REFBS = 0.5 V, the clamp droop over td = 63.5 ms when VAIN = +FS is
V
DROOP +
(V
AIN – VM)
CS
fclk
td
(2
C
IN)
+ (2.5 V – 1.5 V)
2.5 pF
30 MMz
2
+ 0.0024 mV
+ 1.25 LSB (assuming PGA gain + 1)
(20)
(21)
(22)
(23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com