Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3224ECTP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3224ECTP
Description  15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3224ECTP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3224ECTP Datasheet HTML 4Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 5Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 6Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 7Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 8Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 9Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 10Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 11Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
±15kV ESD-Protected, 1µA, 1Mbps 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
Pin Description (continued)
PIN
MAX3224E
MAX3225E
MAX3226E
MAX3227E
TQFN
DIP/
SSOP/
TSSOP
TQFN
SSOP/
TSSOP
MAX3244E
MAX3245E
SO/ SSOP/ TSSOP
MAX3245E
TQFN
NAME
FUNCTION
12
14
9
12
23
25
FORCEON
Force-On Input, Active High.
Drive high to override
AutoShutdown Plus, keeping
transmitters and receivers on
(
FORCEOFF must be high)
(Table 1).
16
18
11
14
25
27
GND
Ground
17
19
12
15
26
29
VCC
+3.0V to +5.5V Single Supply
Voltage
18
20
13
16
22
24
FORCEOFF
Force-Off Input, Active Low.
Drive low to shut down
transmitters, receivers
(except R2OUTB), and
charge pump. This overrides
AutoShutdown Plus and
FORCEON (Table 1).
—
—
—
—
20
21
R2OUTB
TTL/CMOS Noninverting
Complementary Receiver
Outputs. Always active.
—
—
—
—
—
6, 10, 14,
18, 22, 28,
32, 36
N.C.
No Connection. Not internally
connected.
—
—
—
—
—
—
EP
Exposed Pad. Solder the
exposed pad to the ground
plane or leave unconnected.
_______________Detailed Description
Dual Charge-Pump Voltage Converter
The MAX3224E–MAX3227E/MAX3244E/MAX3245E’s
internal power supply consists of a regulated dual
charge pump that provides output voltages of +5.5V
(doubling charge pump) and -5.5V (inverting charge
pump), over the +3.0V to +5.5V range. The charge
pump operates in discontinuous mode: if the output
voltages are less than 5.5V, the charge pump is
enabled; if the output voltages exceed 5.5V, the
charge-pump is disabled. Each charge pump requires
a flying capacitor (C1, C2) and a reservoir capacitor
(C3, C4) to generate the V+ and V- supplies.
The READY output (MAX3224E–MAX3227E) is low
when the charge pumps are disabled in shutdown
mode. The READY signal asserts high when V- goes
below -4V.
8
Maxim Integrated
MAX3224E/MAX3225E/
MAX3226E/MAX3227E/MAX3244E/MAX3245E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com