Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3224ECTP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3224ECTP
Description  15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3224ECTP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3224ECTP Datasheet HTML 7Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 8Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 9Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 10Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 11Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 12Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 13Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 14Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
±15kV ESD-Protected, 1µA, 1Mbps 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
peripheral transmitters are turned off, and the UART dri-
ving the transmitter inputs is inactive. The system turns
on again when a valid transition is applied to any
RS-232 receiver or transmitter input. As a result, the sys-
tem saves power without changes to the existing BIOS
or operating system.
Figures 3a and 3b depict valid and invalid RS-232
receiver voltage levels. INVALID indicates the receiver
input’s condition, and is independent of FORCEON and
FORCEOFF states. Figure 3 and Tables 1 and 2 sum-
marize the operating modes of the MAX3224E–
MAX3227E/MAX3244E/MAX3245E. FORCEON and
FORCEOFF override AutoShutdown Plus circuitry.
When neither control is asserted, the IC selects
between these states automatically based on the last
receiver or transmitter input edge received.
When shut down, the device’s charge pumps turn off,
V+ is pulled to VCC, V- is pulled to ground, the transmit-
ter outputs are high impedance, and READY
(MAX3224E–MAX3227E) is driven low. The time
required to exit shutdown is typically 100µs (Figure 8).
By connecting FORCEON to INVALID, the MAX3224E–
MAX3227E/MAX3244E/MAX3245E shut down when no
valid receiver level and no receiver or transmitter edge is
detected for 30s, and wake up when a valid receiver
level or receiver or transmitter edge is detected.
+0.3V
-0.3V
INVALID
R_IN
INVALID ASSERTED IF ALL RECEIVER INPUTS ARE BETWEEN +0.3V AND -0.3V FOR
AT LEAST 30
μs.
30
μs
TIMER
R
+2.7V
-2.7V
INVALID
R_IN
INVALID DEASSERTED IF ANY RECEIVER INPUT HAS BEEN BETWEEN +2.7V AND -2.7V
FOR LESS THAN 30
μs.
30
μs
TIMER
R
AUTOSHDN
R_IN
T_IN
R
S
30s
TIMER
EDGE
DETECT
EDGE
DETECT
FORCEOFF
FORCEON
Figure 3a. INVALID Functional Diagram, INVALID Low
Figure 3b. INVALID Functional Diagram, INVALID High
Figure 3c. AutoShutdown Plus Logic
POWERDOWN*
AUTOSHDN
FORCEOFF
FORCEON
* POWERDOWN IS ONLY AN INTERNAL SIGNAL.
IT CONTROLS THE OPERATIONAL STATUS OF
THE TRANSMITTERS AND THE POWER SUPPLIES.
Figure 3d. Power-Down Logic
-2.7V
-0.3V
+2.7V
+0.3V
0
INDETERMINATE
INVALID HIGH
INVALID LOW
INVALID HIGH
INDETERMINATE
Figure 4a. Receiver Positive/Negative Thresholds for INVALID
RS-232 SIGNAL
PRESENT AT ANY
RECEIVER INPUT
INVALID OUTPUT
Yes
High
No
Low
Table 2. INVALID Truth Table
Maxim Integrated
11
MAX3224E/MAX3225E/
MAX3226E/MAX3227E/MAX3244E/MAX3245E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com