Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3224ECTP Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX3224ECTP
Description  15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3224ECTP Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX3224ECTP Datasheet HTML 10Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 11Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 12Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 13Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 14Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 15Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 16Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 17Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
±15kV ESD-Protected, 1µA, 1Mbps 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
IEC 1000-4-2
The IEC 1000-4-2 standard covers ESD testing and per-
formance of finished equipment; it does not specifically
refer to integrated circuits. The MAX3224E–MAX3227E,
MAX3244E/MAX3245E help you design equipment that
meets Level 4 (the highest level) of IEC 1000-4-2, with-
out the need for additional ESD-protection components.
The major difference between tests done using the
Human Body Model and IEC 1000-4-2 is higher peak
current in IEC 1000-4-2, because series resistance is
lower in the IEC 1000-4-2 model. Hence, the ESD with-
stand voltage measured to IEC 1000-4-2 is generally
lower than that measured using the Human Body
Model. Figure 7a shows the IEC 1000-4-2 model and
Figure 7b shows the current waveform for the 8kV, IEC
1000-4-2, Level 4, ESD Contact-Discharge Method.
The Air-Gap Method involves approaching the device
with a charged probe. The Contact-Discharge Method
connects the probe to the device before the probe is
energized.
Machine Model
The Machine Model for ESD tests all pins using a
200pF storage capacitor and zero discharge resis-
tance. Its objective is to emulate the stress caused by
contact that occurs with handling and assembly during
manufacturing. Of course, all pins require this protec-
tion during manufacturing, not just RS-232 inputs and
outputs. Therefore, after PC board assembly, the
Machine Model is less relevant to I/O ports.
__________Applications Information
Capacitor Selection
The capacitor type used for C1–C4 is not critical for
proper operation; polarized or nonpolarized capacitors
can be used. The charge pump requires 0.1µF capaci-
tors for 3.3V operation. For other supply voltages, see
Table 3 for required capacitor values. Do not use val-
ues smaller than those listed in Table 3. Increasing the
capacitor values (e.g., by a factor of 2) reduces ripple
on the transmitter outputs and slightly reduces power
consumption. C2, C3, and C4 can be increased without
changing C1’s value. However, do not increase C1
without also increasing the values of C2, C3, C4,
and CBYPASS, to maintain the proper ratios (C1 to
the other capacitors).
When using the minimum required capacitor values,
make sure the capacitor value does not degrade
excessively with temperature. If in doubt, use capaci-
tors with a larger nominal value. The capacitor’s equiv-
alent series resistance (ESR), which usually rises at low
temperatures, influences the amount of ripple on V+
and V-.
Power-Supply Decoupling
In most circumstances, a 0.1µF VCC bypass capacitor
is adequate. In applications that are sensitive to power-
supply noise, use a capacitor of the same value as
charge-pump capacitor C1. Connect bypass capaci-
tors as close to the IC as possible.
Transmitter Outputs
when Exiting Shutdown
Figure 8 shows two transmitter outputs when exiting
shutdown mode. As they become active, the two trans-
mitter outputs are shown going to opposite RS-232 lev-
els (one transmitter input is high, the other is low). Each
VCC
(V)
C2, C3, C4
(
µF)
3.0 to 3.6
0.22
3.15 to 3.6
0.1
C1, CBYPASS
(
µF)
0.22
0.1
4.5 to 5.5
0.33
3.0 to 5.5
1
0.047
0.22
Table 3. Required Minimum Capacitance
Values
5
μs/div
T1OUT
FORCEON = FORCEOFF
T2OUT
READY
5V/div
0
2V/div
0
5V/div
0
VCC = 3.3V
C1–C4 = 0.1
μF
Figure 8. Transmitter Outputs when Exiting Shutdown or
Powering Up
14
Maxim Integrated
MAX3224E/MAX3225E/
MAX3226E/MAX3227E/MAX3244E/MAX3245E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com