Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3224ECTP Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX3224ECTP
Description  15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3224ECTP Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX3224ECTP Datasheet HTML 13Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 14Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 15Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 16Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 17Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 18Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 19Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 20Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
±15kV ESD-Protected, 1µA, 1Mbps 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
Ordering Information (continued)
Chip Information
PROCESS: BICMOS
Package Information
For the latest package outline information and land patterns
(footprints), go to www.maxim-ic.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but the
drawing pertains to the package regardless of RoHS status.
PART
TEMP RANGE
PIN-PACKAGE
MAX3225ECUP+
0
°C to +70°C
20 TSSOP
MAX3225ECTP+
0
°C to +70°C
20 TQFN-EP*
MAX3225ECAP+
0
°C to +70°C
20 SSOP
MAX3225ECPP+
0
°C to +70°C
20 Plastic DIP
MAX3225EETP+
-40
°C to +85°C
20 TQFN -EP*
MAX3225EEUP+
-40
°C to +85°C
20 TSSOP
MAX3225EEAP+
-40
°C to +85°C
20 SSOP
MAX3225EEPP+
-40
°C to +85°C
20 Plastic DIP
MAX3225EAAP+
-40
°C to +125°C
20 SSOP
MAX3226ECTE+
0
°C to +70°C
16 TQFN-EP*
MAX3226ECUE+
0
°C to +70°C
16 TSSOP
MAX3226ECAE+
0
°C to +70°C
16 SSOP
MAX3226EEAE+
-40
°C to +85°C
16 SSOP
MAX3226EETE+
-40
°C to +85°C
16 TQFN-EP*
MAX3226EEUE+
-40
°C to +85°C
16 TSSOP
MAX3226EAAE+
-40
°C to +125°C
16 SSOP
MAX3227ECAE+
0
°C to +70°C
16 SSOP
MAX3227ECTE+
0
°C to +70°C
16 TQFN-EP*
MAX3227ECUE+
0
°C to +70°C
16 TSSOP
MAX3227EEAE+
-40
°C to +85°C
16 SSOP
MAX3227EEAE/V+
-40
°C to +85°C
16 SSOP
MAX3227EETE+
-40
°C to +85°C
16 TQFN-EP*
MAX3227EEUE+
-40
°C to +85°C
16 TSSOP
MAX3227EAAE+
-40
°C to +125°C
16 SSOP
MAX3244ECWI+
0
°C to +70°C
28 Wide SO
MAX3244ECAI+
0
°C to +70°C
28 SSOP
MAX3244ECUI+
0
°C to +70°C
28 TSSOP
MAX3244EEWI+
-40
°C to +85°C
28 Wide SO
MAX3244EEAI+
-40
°C to +85°C
28 SSOP
MAX3244EEUI+
-40
°C to +85°C
28 TSSOP
MAX3245ECWI+
0
°C to +70°C
28 Wide SO
MAX3245ECAI+
0
°C to +70°C
28 SSOP
MAX3245ECTX+
0
°C to +70°C
36 TQFN- EP*
MAX3245EEAI+
-40
°C to +85°C
28 SSOP
MAX3245EEWI+
-40
°C to +85°C
28 WIDE SO
MAX3245EEUI+
-40
°C to +85°C
28 TSSOP
MAX3245EETX+
-40
°C to +85°C
36 TQFN- EP*
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.
/V denotes an automotive qualified part.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
16 SSOP
A16+2
21-0056
90-0106
16 TSSOP
U16+1
21-0066
90-0117
16 TQFN-EP
T1655+2
21-0140
90-0072
20 DIP
P20+3
21-0043
—
20 SSOP
A20+1
21-0056
90-0094
20 TSSOP
U20+2
21-0066
90-0116
20 TQFN-EP
T2055+5
21-0140
90-0010
28 Wide SO
W28+6
21-0042
90-0109
28 SSOP
A28+1
21-0056
90-0095
28 TSSOP
U28+2
21-0066
90-0171
36 TQFN
T3666+3
21-0141
90-0050
20
Maxim Integrated
MAX3224E/MAX3225E/
MAX3226E/MAX3227E/MAX3244E/MAX3245E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com