Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3224ECTP Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX3224ECTP
Description  15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3224ECTP Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX3224ECTP Datasheet HTML 8Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 9Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 10Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 11Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 12Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 13Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 14Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 15Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
±15kV ESD-Protected, 1µA, 1Mbps 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
By connecting FORCEON and FORCEOFF to INVALID,
the MAX3224E–MAX3227E/MAX3244E/MAX3245E shut
down when no valid receiver level is detected and
wake up when a valid receiver level is detected (same
functionality as AutoShutdown feature on MAX3221E/
MAX3223E/MAX3243E).
A mouse or other system with AutoShutdown Plus may
need time to wake up. Figure 5 shows a circuit that
forces the transmitters on for 100ms, allowing enough
time for the other system to realize that the MAX3244E/
MAX3245E is awake. If the other system outputs valid
RS-232 signal transitions within that time, the RS-232
ports on both systems remain enabled.
Software-Controlled Shutdown
If direct software control is desired, use INVALID to
indicate DTR or ring indicator signal. Tie FORCEOFF
and FORCEON together to bypass the AutoShutdown
Plus so the line acts like a SHDN input.
±15kV ESD Protection
As with all Maxim devices, ESD-protection structures are
incorporated on all pins to protect against electrostatic
discharges encountered during handling and assembly.
The driver outputs and receiver inputs of the
MAX3224E–MAX3227E/MAX3244E/MAX3245E have extra
protection against static electricity. Maxim’s engineers
have developed state-of-the-art structures to protect
VCC
0
0
V+
V-
VCC
0
INVALID
OUTPUT
READY
TRANSMITTER
INPUTS
RECEIVER
INPUTS
}
INVALID
REGION
*MAX3224E–MAX3227E
TRANSMITTER
OUTPUTS
*VCC
tAUTOSHDN
tWU
tWU
tINVL
tINVH
tAUTOSHDN
Figure 4b. AutoShutdown Plus, INVALID, and READY Timing Diagram
FORCEON
MASTER SHDN LINE
0.1
μF1MΩ
FORCEOFF
MAX3224E
MAX3225E
MAX3226E
MAX3227E
MAX3244E
MAX3245E
POWER-
MANAGEMENT
UNIT
Figure 5. AutoShutdown Plus Initial Turn-On to Wake Up a
Mouse or Another System
12
Maxim Integrated
MAX3224E/MAX3225E/
MAX3226E/MAX3227E/MAX3244E/MAX3245E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com