Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3224ECTP Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX3224ECTP
Description  15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3224ECTP Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX3224ECTP Datasheet HTML 11Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 12Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 13Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 14Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 15Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 16Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 17Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 18Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
transmitter is loaded with 3k
Ω in parallel with 1000pF.
The transmitter outputs display no ringing or undesir-
able transients as they come out of shutdown. Note that
the transmitters are enabled only when the magnitude
of V- exceeds approximately -3V.
High Data Rates
The MAX3224E/MAX3226E/MAX3244E maintain the
RS-232 ±5.0V minimum transmitter output voltage even
at high data rates. Figure 9 shows a transmitter loop-
back test circuit. Figure 10 shows a loopback test result
at 120kbps, and Figure 11 shows the same test at
250kbps. For Figure 10, all transmitters were driven
simultaneously at 120kbps into RS-232 loads in parallel
with 1000pF. For Figure 11, a single transmitter was dri-
ven at 250kbps, and all transmitters were loaded with
an RS-232 receiver in parallel with 250pF.
The MAX3225E/MAX3227E/MAX3245E maintain the
RS-232 ±5.0V minimum transmitter output voltage at
data rates up to 1Mbps (MegaBaud). Figure 12 shows
a loopback test result with a single transmitter driven at
1Mbps and all transmitters loaded with an RS-232
receiver in parallel with 250pF.
±15kV ESD-Protected, 1µA, 1Mbps 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
MAX3224E
MAX3225E
MAX3226E
MAX3227E
MAX3244E
MAX3245E
5k
Ω
R_ IN
R_ OUT
FORCEON
C2-
C2+
C1-
C1+
V-
V+
VCC
C4
C3*
C1
C2
CBYPASS
VCC
FORCEOFF
*C3 CAN BE RETURNED TO VCC OR GND.
T_ OUT
T_ IN
GND
VCC
1000pF
Figure 9. Loopback Test Circuit
Figure 10. MAX3224E/MAX3226E/MAX3244E Loopback Test
Result at 120kbps
2
μs/div
T1IN
T1OUT
R1OUT
5V/div
5V/div
5V/div
VCC = 3.3V
Figure 11. MAX3224E/MAX3226E/MAX3244E Loopback Test
Result at 250kbps
2
μs/div
T1IN
T1OUT
R1OUT
5V/div
5V/div
5V/div
VCC = 3.3V
Figure 12. MAX3225E/MAX3227E/MAX3245E Loopback Test
Result at 1Mbps
200ns/div
T1IN
T1OUT
R1OUT
5V/div
5V/div
5V/div
VCC = 3.3V
Maxim Integrated
15
MAX3224E/MAX3225E/
MAX3226E/MAX3227E/MAX3244E/MAX3245E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com