Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3224ECTP Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX3224ECTP
Description  15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3224ECTP Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX3224ECTP Datasheet HTML 13Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 14Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 15Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 16Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 17Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 18Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 19Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 20Page - Maxim Integrated Products MAX3224ECTP Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
±15kV ESD-Protected, 1µA, 1Mbps 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
Mouse Driveability
The MAX3244E/MAX3245E are specifically designed to
power serial mice while operating from low-voltage
power supplies. They have been tested with leading
mouse brands from manufacturers such as Microsoft
and Logitech. The MAX3244E/MAX3245E successfully
drove all serial mice tested and met their respective
current and voltage requirements. The MAX3244E/
MAX3245E dual charge pump ensures the transmitters
supply at least ±5V during worst-case conditions.
Figure 13b shows the transmitter output voltages under
increasing load current. Figure 13a shows a typical
mouse connection.
Interconnection with 3V and 5V Logic
The MAX3224E–MAX3227E/MAX3244E/MAX3245E can
directly interface with various 5V logic families, includ-
ing ACT and HCT CMOS. See Table 4 for more informa-
tion on possible combinations of interconnections.
Table 5 lists other Maxim ESD-powered transceivers.
SYSTEM
POWER-SUPPLY
VOLTAGE (V)
COMPATIBILITY
3.3
Compatible with all CMOS families
5
Compatible with all TTL and CMOS families
VCC SUPPLY
VOLTAGE
(V)
3.3
5
5
Compatible with ACT and HCT CMOS, and with AC, HC, or CD4000 CMOS
3.3
PART
SUPPLY
VOLTAGE
RANGE
(V)
NO.
OF
Tx/Rx
GUARANTEED
DATA RATE
(kbps)
MAX3241E
+3.0 to +5.5
3/5
250
MAX3243E
+3.0 to +5.5
3/5
250
MAX3244E
+3.0 to +5.5
3/5
250
MAX3245E
+3.0 to +5.5
3/5
1Mbps
MAX3232E
+3.0 to +5.5
2/2
250
MAX3222E
+3.0 to +5.5
2/2
250
MAX3223E
+3.0 to +5.5
2/2
250
MAX3224E
+3.0 to +5.5
2/2
250
MAX3225E
+3.0 to +5.5
2/2
1Mbps
MAX3221E
+3.0 to +5.5
1/1
250
MAX3227E
+3.0 to +5.5
1/1
1Mbps
MAX3226E
+3.0 to +5.5
1/1
250
SUPPLY
CURRENT
(
µA)
300
1
1
1
300
300
1
1
1
1
1
1
Auto-
Shutdown
Plus
—
—
Yes
Yes
—
—
—
Yes
Yes
—
Yes
Yes
Auto-
Shutdown
—
Yes
—
—
—
—
Yes
—
—
Yes
—
—
Human
Body
Model
(kV)
±15
±15
±15
±15
±15
±15
±15
±15
±15
±15
±15
±15
IEC 1000-4-2
Contact
Discharge
(kV)
±8
±8
±8
±8
±8
±8
±8
±8
±8
±8
±8
±8
IEC 1000-4-2
Air-Gap
Discharge
(kV)
±15
±15
±15
±15
±15
±15
±15
±15
±15
±15
±15
±15
Figure 13b. MAX324_E Transmitter Output Voltage vs. Load
Current per Transmitter
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
0
123456789
10
LOAD CURRENT PER TRANSMITTER (mA)
VOUT+
VOUT-
VOUT+
VOUT-
VCC
VCC = 3.0V
Table 5. ±15kV ESD-Protected, 3.0V to 5.5V Powered RS-232 Transceivers from Maxim
Table 4. Logic Family Compatibility with Various Supply Voltages
Maxim Integrated
17
MAX3224E/MAX3225E/
MAX3226E/MAX3227E/MAX3244E/MAX3245E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com