Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC271CPWR Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TLC271CPWR
Description  LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271CPWR Datasheet(HTML) 38 Page - Texas Instruments

Back Button TLC271CPWR Datasheet HTML 34Page - Texas Instruments TLC271CPWR Datasheet HTML 35Page - Texas Instruments TLC271CPWR Datasheet HTML 36Page - Texas Instruments TLC271CPWR Datasheet HTML 37Page - Texas Instruments TLC271CPWR Datasheet HTML 38Page - Texas Instruments TLC271CPWR Datasheet HTML 39Page - Texas Instruments TLC271CPWR Datasheet HTML 40Page - Texas Instruments TLC271CPWR Datasheet HTML 41Page - Texas Instruments TLC271CPWR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 83 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
38
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
LOW-BIAS MODE
electrical characteristics at specified free-air temperature (unless otherwise noted)
TEST
†
TLC271C, TLC271AC, TLC271BC
PARAMETER
TEST
CONDITIONS
TA†
VDD = 5 V
VDD = 10 V
UNIT
CONDITIONS
A
MIN
TYP
MAX
MIN
TYP
MAX
TLC271C
25
°C
1.1
10
1.1
10
TLC271C
VO =1 4V
Full range
12
12
VIO
Input offset voltage
TLC271AC
VO = 1.4 V,
VIC = 0 V,
25
°C
0.9
5
0.9
5
mV
VIO
Input offset voltage
TLC271AC
IC
,
RS = 50 Ω,
R1 M
Ω
Full range
6.5
6.5
mV
TLC271BC
RI = 1 MΩ
25
°C
0.24
2
0.26
2
TLC271BC
Full range
3
3
αVIO
Average temperature coefficient of
input offset voltage
25
°C to
70
°C
1.1
1
µV/°C
IIO
Input offset current (see Note 4)
VO = VDD /2,
25
°C
0.1
60
0.1
60
pA
IIO
Input offset current (see Note 4)
ODD
,
VIC = VDD /2
70
°C
7
300
8
300
pA
IIB
Input bias current (see Note 4)
VO = VDD /2,
25
°C
0.6
60
0.7
60
pA
IIB
Input bias current (see Note 4)
ODD
,
VIC = VDD /2
70
°C
40
600
50
600
pA
VICR
Common-mode input
25
°C
– 0.2
to
4
– 0.3
to
4.2
– 0.2
to
9
– 0.3
to
9.2
V
VICR
voltage range (see Note 5)
Full range
– 0.2
to
3.5
– 0.2
to
8.5
V
V
100
V
25
°C
3.2
4.1
8
8.9
VOH
High-level output voltage
VID = 100 mV,
RL=1MΩ
0
°C
3
4.1
7.8
8.9
V
RL= 1 MΩ
70
°C
3
4.2
7.8
8.9
V
100
V
25
°C
0
50
0
50
VOL
Low-level output voltage
VID = –100 mV,
IOL =0
0
°C
0
50
0
50
mV
IOL = 0
70
°C
0
50
0
50
L
i
l diff
ti l
R1 M
Ω
25
°C
50
520
50
870
AVD
Large-signal differential
voltage amplification
RL= 1 MΩ,
See Note 6
0
°C
50
700
50
1030
V/mV
voltage am lification
See Note 6
70
°C
50
380
50
660
25
°C
65
94
65
97
CMRR
Common-mode rejection ratio
VIC = VICRmin
0
°C
60
95
60
97
dB
70
°C
60
95
60
97
S
l
lt
j
ti
ti
V
5Vt 10 V
25
°C
70
97
70
97
kSVR
Supply-voltage rejection ratio
(
∆VDD/∆VIO)
VDD = 5 V to 10 V
VO =1 4V
0
°C
60
97
60
97
dB
(
∆VDD/∆VIO)
VO = 1.4 V
70
°C
60
98
60
98
II(SEL) Input current (BIAS SELECT)
VI(SEL) = VDD
25
°C
65
95
nA
VO = VDD /2,
25
°C
10
17
14
23
IDD
Supply current
VO VDD /2,
VIC = VDD /2,
Nl
d
0
°C
12
21
18
33
µA
No load
70
°C
8
14
11
20
† Full range is 0
°C to 70°C.
NOTES:
4. The typical values of input bias current and input offset current below 5 pA were determined mathematically.
5. This range also applies to each input individually.
6. At VDD = 5 V, VO = 0.25 V to 2 V; at VDD = 10 V, VO = 1 V to 6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com