Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC271CPWR Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TLC271CPWR
Description  LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271CPWR Datasheet(HTML) 67 Page - Texas Instruments

Back Button TLC271CPWR Datasheet HTML 63Page - Texas Instruments TLC271CPWR Datasheet HTML 64Page - Texas Instruments TLC271CPWR Datasheet HTML 65Page - Texas Instruments TLC271CPWR Datasheet HTML 66Page - Texas Instruments TLC271CPWR Datasheet HTML 67Page - Texas Instruments TLC271CPWR Datasheet HTML 68Page - Texas Instruments TLC271CPWR Datasheet HTML 69Page - Texas Instruments TLC271CPWR Datasheet HTML 70Page - Texas Instruments TLC271CPWR Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 83 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
67
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION (MEDIUM-BIAS MODE)
SELECT
BIAS
2.5 V
100 k
Ω
1
µF
100 k
Ω
100 k
Ω
Gain Control
1 M
Ω
1 k
Ω
10 k
Ω
5 V
1
µF
(see Note A)
–
+
TLC271
NOTE A: Low to medium impedance dynamic mike
–
+
–
+
0.1
µF
+
–
Figure 122. Microphone Preamplifier
SELECT
BIAS
VDD /2
VDD
10 M
Ω
VO
VREF
150 pF
100 k
Ω
15 nF
SELECT
BIAS
VDD /2
VDD
1 k
Ω
–
+
TLC271
–
+
TLC271
NOTES: A. NOTES: VDD = 4 V to 15 V
B. Vref = 0 V to VDD – 2 V
Figure 123. Photo-Diode Amplifier With Ambient Light Rejection
–
+
TLC271
2N3821
IS
5 V
2.5 V
BIAS
SELECT
R
VI
I
S +
V
I
R
NOTES: A. VI = 0 V TO 3 V
B.
Figure 124. Precision Low-Current Sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com