Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC271CPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC271CPWR
Description  LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271CPWR Datasheet(HTML) 1 Page - Texas Instruments

  TLC271CPWR Datasheet HTML 1Page - Texas Instruments TLC271CPWR Datasheet HTML 2Page - Texas Instruments TLC271CPWR Datasheet HTML 3Page - Texas Instruments TLC271CPWR Datasheet HTML 4Page - Texas Instruments TLC271CPWR Datasheet HTML 5Page - Texas Instruments TLC271CPWR Datasheet HTML 6Page - Texas Instruments TLC271CPWR Datasheet HTML 7Page - Texas Instruments TLC271CPWR Datasheet HTML 8Page - Texas Instruments TLC271CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Input Offset Voltage Drift ...Typically
0.1
µV/Month, Including the First 30 Days
D Wide Range of Supply Voltages Over
Specified Temperature Range:
0
°C to 70°C...3 V to 16 V
–40
°C to 85°C...4 V to 16 V
–55
°C to 125°C...5 V to 16 V
D Single-Supply Operation
D Common-Mode Input Voltage Range
Extends Below the Negative Rail (C-Suffix
and I-Suffix Types)
D Low Noise . . . 25 nV/√Hz Typically at
f = 1 kHz (High-Bias Mode)
D Output Voltage Range Includes Negative
Rail
D High Input Impedance ...1012 Ω Typ
D ESD-Protection Circuitry
D Small-Outline Package Option Also
Available in Tape and Reel
D Designed-In Latch-Up Immunity
description
The TLC271 operational amplifier combines a
wide range of input offset voltage grades with low
offset voltage drift and high input impedance. In
addition, the TLC271 offers a bias-select mode
that allows the user to select the best combination of power dissipation and ac performance for a particular
application. These devices use Texas Instruments silicon-gate LinCMOS
 technology, which provides offset
voltage stability far exceeding the stability available with conventional metal-gate processes.
AVAILABLE OPTIONS
VIOmax
PACKAGE
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)
CHIP CARRIER
(FK)
CERAMIC DIP
(JG)
PLASTIC DIP
(P)
2 mV
TLC271BCD
TLC271BCP
0
°C to 70°C
2 mV
5 mV
TLC271BCD
TLC271ACD
—
—
TLC271BCP
TLC271ACP
10 mV
TLC271CD
TLC271CP
2 mV
TLC271BID
TLC271BIP
–40
°C to 85°C
2 mV
5 mV
TLC271BID
TLC271AID
—
—
TLC271BIP
TLC271AIP
10 mV
TLC271ID
TLC271IP
–55
°C to 125°C
10 mV
TLC271MD
TLC271MFK
TLC271MJG
TLC271MP
The D package is available taped and reeled. Add R suffix to the device type (e.g., TLC271BCDR).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
OFFSET N1
IN –
IN +
GND
BIAS SELECT
VDD
OUT
OFFSET N2
D, JG, OR P PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
VDD
NC
OUT
NC
NC
IN –
NC
IN +
NC
FK PACKAGE
(TOP VIEW)
NC – No internal connection
LinCMOS is a trademark of Texas Instruments.


Similar Part No. - TLC271CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC271CPWR TI-TLC271CPWR Datasheet
1Mb / 82P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271CPWR TI-TLC271CPWR Datasheet
2Mb / 84P
LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271CPWRG4 TI-TLC271CPWRG4 Datasheet
1Mb / 82P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271CPWRG4 TI-TLC271CPWRG4 Datasheet
2Mb / 84P
LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC271CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV255X TI-TLV255X Datasheet
1Mb / 53P
ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252-EP TI1-TLC2252-EP Datasheet
999Kb / 38P
Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2252-Q1 TI1-TLV2252-Q1 Datasheet
695Kb / 36P
Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC251CDRG4 TI1-TLC251CDRG4 Datasheet
616Kb / 22P
LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X-EP TI1-TLC225X-EP_15 Datasheet
1Mb / 39P
ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC251 TI1-TLC251_16 Datasheet
831Kb / 22P
LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC254 TI1-TLC254_15 Datasheet
535Kb / 28P
LinCMOS QUAD OPERATIONAL AMPLIFIERS
TLV225X-EP TI1-TLV225X-EP Datasheet
1Mb / 39P
Advanced LinCMOS RAIL-TO-RALIL VERY-LOW-POWER OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X_V01 Datasheet
1Mb / 71P
Advanced linCMOS LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271_V01 Datasheet
2Mb / 84P
LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com