Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC271CPWR Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # TLC271CPWR
Description  LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271CPWR Datasheet(HTML) 56 Page - Texas Instruments

Back Button TLC271CPWR Datasheet HTML 52Page - Texas Instruments TLC271CPWR Datasheet HTML 53Page - Texas Instruments TLC271CPWR Datasheet HTML 54Page - Texas Instruments TLC271CPWR Datasheet HTML 55Page - Texas Instruments TLC271CPWR Datasheet HTML 56Page - Texas Instruments TLC271CPWR Datasheet HTML 57Page - Texas Instruments TLC271CPWR Datasheet HTML 58Page - Texas Instruments TLC271CPWR Datasheet HTML 59Page - Texas Instruments TLC271CPWR Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 83 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
56
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
full-power response
Full-power response, the frequency above which the amplifier slew rate limits the output voltage swing, is often
specified two ways: full-linear response and full-peak response. The full-linear response is generally
measuredby monitoring the distortion level of the output while increasing the frequency of a sinusoidal input
signal until the maximum frequency is found above which the output contains significant distortion. The full-peak
response is defined as the maximum output frequency, without regard to distortion, above which full
peak-to-peak output swing cannot be maintained.
Because there is no industry-wide accepted value for significant distortion, the full-peak response is specified
in this data sheet and is measured using the circuit of Figure 98. The initial setup involves the use of a sinusoidal
input to determine the maximum peak-to-peak output of the device (the amplitude of the sinusoidal wave is
increased until clipping occurs). The sinusoidal wave is then replaced with a square wave of the same
amplitude. The frequency is then increased until the maximum peak-to-peak output can no longer be maintained
(Figure 102). A square wave is used to allow a more accurate determination of the point at which the maximum
peak-to-peak output is reached.
(a) f = 100 Hz
(b) BOM > f > 100 Hz
(c) f = BOM
(d) f > BOM
Figure 102. Full-Power-Response Output Signal
test time
Inadequate test time is a frequent problem, especially when testing CMOS devices in a high-volume,
short-test-time environment. Internal capacitances are inherently higher in CMOS than in bipolar and BiFET
devices, and require longer test times than their bipolar and BiFET counterparts. The problem becomes more
pronounced with reduced supply levels and lower temperatures.
APPLICATION INFORMATION
single-supply operation
While the TLC271 performs well using dual power
supplies (also called balanced or split supplies),
the
design
is
optimized
for
single-supply
operation. This includes an input common mode
voltage range that encompasses ground as well
as an output voltage range that pulls down to
ground. The supply voltage range extends down
to 3 V (C-suffix types), thus allowing operation
with supply levels commonly available for TTL and
HCMOS; however, for maximum dynamic range,
16-V single-supply operation is recommended.
R4
VO
VDD
R2
R1
VI
Vref
R3
C
0.01
µF
V
ref +
V
DD
R3
R1
) R3
V
O +
(V
ref *
V
I
) R4
R2
) V
ref
Figure 103. Inverting Amplifier With Voltage
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com