Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC271CPWR Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # TLC271CPWR
Description  LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271CPWR Datasheet(HTML) 69 Page - Texas Instruments

Back Button TLC271CPWR Datasheet HTML 65Page - Texas Instruments TLC271CPWR Datasheet HTML 66Page - Texas Instruments TLC271CPWR Datasheet HTML 67Page - Texas Instruments TLC271CPWR Datasheet HTML 68Page - Texas Instruments TLC271CPWR Datasheet HTML 69Page - Texas Instruments TLC271CPWR Datasheet HTML 70Page - Texas Instruments TLC271CPWR Datasheet HTML 71Page - Texas Instruments TLC271CPWR Datasheet HTML 72Page - Texas Instruments TLC271CPWR Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 83 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
69
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION (LOW-BIAS MODE)
10 k
Ω
VO
100 k
Ω
BIAS SELECT
20 k
Ω
VI
–
+
TLC271
VDD
NOTE A: VDD = 5 V to 16 V
Figure 127. Full-Wave Rectifier
Set
100 k
Ω
VDD
BIAS
SELECT
10 k
Ω
100 k
Ω
Reset
33
Ω
+
–
TLC271
NOTE A: VDD = 5 V to 16 V
Figure 128. Set/Reset Flip-Flop
BIAS
SELECT
5 V
0.016
µF
10 k
Ω
10 k
Ω
VO
0.016
µF
VI
+
–
TLC271
NOTE A: Normalized to FC = 1 kHz and RL = 10 kΩ
Figure 129. Two-Pole Low-Pass Butterworth Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com