Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC271CPWR Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # TLC271CPWR
Description  LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271CPWR Datasheet(HTML) 62 Page - Texas Instruments

Back Button TLC271CPWR Datasheet HTML 58Page - Texas Instruments TLC271CPWR Datasheet HTML 59Page - Texas Instruments TLC271CPWR Datasheet HTML 60Page - Texas Instruments TLC271CPWR Datasheet HTML 61Page - Texas Instruments TLC271CPWR Datasheet HTML 62Page - Texas Instruments TLC271CPWR Datasheet HTML 63Page - Texas Instruments TLC271CPWR Datasheet HTML 64Page - Texas Instruments TLC271CPWR Datasheet HTML 65Page - Texas Instruments TLC271CPWR Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 83 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
62
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
output characteristics (continued)
Although the TLC271 possesses excellent high-level output voltage and current capability, methods are
available for boosting this capability, if needed. The simplest method involves the use of a pullup resistor (RP)
connected from the output to the positive supply rail (see Figure 113). There are two disadvantages to the use
of this circuit. First, the NMOS pulldown transistor, N4 (see equivalent schematic) must sink a comparatively
large amount of current. In this circuit, N4 behaves like a linear resistor with an on-resistance between
approximately 60
Ω and 180 Ω, depending on how hard the operational amplifier input is driven. With very low
values of RP, a voltage offset from 0 V at the output occurs. Secondly, pullup resistor RP acts as a drain load
to N4 and the gain of the operational amplifier is reduced at output voltage levels where N5 is not supplying the
output current.
R
P +
V
DD
–V
O
I
F )
I
L )
I
P
VI
VDD
RP
VO
R2
R1
RL
IP
IF
IL
IP = Pullup current required
by the operational amplifier
(typically 500
µA)
–
+
Figure 113. Resistive Pullup to Increase VOH
5 V
BIAS SELECT
0.016
µF
Low Pass
High Pass
Band Pass
R = 5 k
Ω(3/d-1)
(see Note A)
0.016
µF
BIAS SELECT
5 V
10 k
Ω
10 k
Ω
10 k
Ω
5 V
BIAS SELECT
VI
5 k
Ω
10 k
Ω
10 k
Ω
–
+
TLC271
–
+
TLC271
–
+
TLC271
NOTE B: d = damping factor, I/O
Figure 114. State-Variable Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com