Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC271CPWR Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TLC271CPWR
Description  LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271CPWR Datasheet(HTML) 47 Page - Texas Instruments

Back Button TLC271CPWR Datasheet HTML 43Page - Texas Instruments TLC271CPWR Datasheet HTML 44Page - Texas Instruments TLC271CPWR Datasheet HTML 45Page - Texas Instruments TLC271CPWR Datasheet HTML 46Page - Texas Instruments TLC271CPWR Datasheet HTML 47Page - Texas Instruments TLC271CPWR Datasheet HTML 48Page - Texas Instruments TLC271CPWR Datasheet HTML 49Page - Texas Instruments TLC271CPWR Datasheet HTML 50Page - Texas Instruments TLC271CPWR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 83 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
47
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (LOW-BIAS MODE)†
Figure 74
0
300
VIC – Common-Mode Input Voltage – V
4
700
12
3
400
500
600
LOW-LEVEL OUTPUT VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
650
550
450
350
TA = 25°C
IOL = 5 mA
VDD = 5 V
VID = – 1 V
VID = – 100 mV
Figure 75
250
0
VIC – Common-Mode Input Voltage – V
300
350
400
450
500
24
68
10
LOW-LEVEL OUTPUT VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
13
5
7
9
VDD = 10 V
IOL = 5 mA
TA = 25°C
VID = – 1 V
VID = – 2.5 V
VID = – 100 mV
Figure 76
LOW-LEVEL OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
0
VID – Differential Input Voltage – V
– 10
– 2
– 4
– 6
– 8
800
700
600
500
400
300
200
100
0
– 1
–3
– 5
– 7
– 9
IOL = 5 mA
VIC = VID/2
TA = 25°C
VDD = 10 V
VDD = 5 V
Figure 77
– 75
0
TA – Free-Air Temperature – °C
125
900
– 50
– 25
0
25
50
75
100
100
200
300
400
500
600
700
800
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
VIC = 0.5 V
VID = – 1 V
IOL = 5 mA
VDD = 10 V
VDD = 5 V
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com