Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH26PQR Datasheet(PDF) 9 Page - STMicroelectronics

Part # LNBH26PQR
Description  Dual LNBS supply and control IC with step-up and I짼C interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26PQR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LNBH26PQR Datasheet HTML 5Page - STMicroelectronics LNBH26PQR Datasheet HTML 6Page - STMicroelectronics LNBH26PQR Datasheet HTML 7Page - STMicroelectronics LNBH26PQR Datasheet HTML 8Page - STMicroelectronics LNBH26PQR Datasheet HTML 9Page - STMicroelectronics LNBH26PQR Datasheet HTML 10Page - STMicroelectronics LNBH26PQR Datasheet HTML 11Page - STMicroelectronics LNBH26PQR Datasheet HTML 12Page - STMicroelectronics LNBH26PQR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LNBH26
Application information (valid for each section A/B)
Doc ID 022771 Rev 1
9/38
2.12
TMON: 22 kHz tone diagnostic
The 22 kHz tone can be internally detected and monitored if one (or both) DETIN pin are
connected to the LNB output bus (see
Figure 7) through a decoupling capacitor.
The tone diagnostic function is provided with the corresponding TMON I²C bit. If the 22 kHz
tone amplitude and/or the tone frequency is out of the guaranteed limits (see
Table 19), the
corresponding TMON I²C bit is set to “1”.
2.13
TDET: 22 kHz tone detection
When a 22 kHz tone presence is detected on one DETIN pin, the corresponding TDET I²C
bit is set to “1”.
2.14
IMON: minimum output current diagnostic
In order to detect the output load absence (no LNB connected on the bus or cable not
connected to the IRD) each LNBH26 section is provided with a minimum output current flag
by the corresponding IMON I²C bit, accessible in read mode, which is set to “1” if the output
current is lower than 12 mA (typ.). It is recommended to use the IMON function only with the
22 kHz tone transmission deactivated, otherwise the IMON bit could be set to “0” even if the
output current is below the minimum current threshold. To activate the IMON diagnostic
function, set to “1” the EN_IMON I²C bit in the DATA4 register. Be aware that as soon as the
IMON function is activated by means of EN_IMON=1, the VOUT is immediately increased to
21 V (typ.) independently on the VSEL bit setting. This operation is applied in order to be
sure that the LNBH26 output has the higher voltage present in the LNB bus. Do not use this
function in an application environment where a 21 V voltage level is not supported by other
peripherals connected to the LNB bus.
2.15
PDO: overcurrent detection on output pull-down stage
When an overcurrent occurs on one section pull-down output stage due to an external
voltage source greater than the LNBH26 nominal VOUT, and for a time longer than
ISINK_TIME_OUT (10 ms typ.), the corresponding PDO I²C bit is set to “1”. This may happen
due to an external voltage source presence on the LNB output (VOUT pin).
For current threshold and deglitch time details, see
Table 13.
2.16
Power-on I²C interface reset and undervoltage lockout
The I²C interface built into the LNBH26 is automatically reset at power-on. As long as the
VCC stays below the undervoltage lockout (UVLO) threshold (4.7 V typ.), the interface does
not respond to any I²C command and all DATA register bits are initialized to zeroes,
therefore keeping the power blocks disabled. Once the VCC rises above 4.8 V typ., the I²C
interface becomes operative and the DATA registers can be configured by the main
microprocessor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com