Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH26PQR Datasheet(PDF) 20 Page - STMicroelectronics

Part # LNBH26PQR
Description  Dual LNBS supply and control IC with step-up and I짼C interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26PQR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LNBH26PQR Datasheet HTML 16Page - STMicroelectronics LNBH26PQR Datasheet HTML 17Page - STMicroelectronics LNBH26PQR Datasheet HTML 18Page - STMicroelectronics LNBH26PQR Datasheet HTML 19Page - STMicroelectronics LNBH26PQR Datasheet HTML 20Page - STMicroelectronics LNBH26PQR Datasheet HTML 21Page - STMicroelectronics LNBH26PQR Datasheet HTML 22Page - STMicroelectronics LNBH26PQR Datasheet HTML 23Page - STMicroelectronics LNBH26PQR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
I²C interface protocol
LNBH26
20/38
Doc ID 022771 Rev 1
7
I²C interface protocol
7.1
Write mode transmission
The LNBH26 interface protocol is made up of:
●
a start condition (S)
●
a chip address byte with the LSB bit R/W = 0
●
a register address (internal address of the first register to be accessed)
●
a sequence of data (byte to write in the addressed internal register + acknowledge)
●
the following bytes, if any, to be written in successive internal registers
●
a stop condition (P). The transfer lasts until a stop bit is encountered
●
the LNBH25, as slave, acknowledges every byte transfer.
Figure 11.
Example of writing procedure starting with first data address 0x2 (a)
ACK = Acknowledge
S = Start
P = Stop
R/W = 1/0, Read/Write bit
X = 0/1, set the values to select the CHIP address (see
Table 16 for pin selection) and to
select the REGISTER address (see
Table 7 to Table 12).
a.
The writing procedure can start from any register address by simply setting the X values in the register address
byte (after the chip address). It can be also stopped by the master by sending a stop condition after any
acknowledge bit.
AM10479v1
S
00
0
1
00
X
00000
X X X
MSB
LSB
CHIP ADDRESS
MSB
LSB
REGISTER ADDRESS
P
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
DATA 1
Add=0x2
DATA 2
Add=0x3
DATA 3
Add=0x4
DATA 4
Add=0x5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com