Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH26PQR Datasheet(PDF) 16 Page - STMicroelectronics

Part # LNBH26PQR
Description  Dual LNBS supply and control IC with step-up and I짼C interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26PQR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LNBH26PQR Datasheet HTML 12Page - STMicroelectronics LNBH26PQR Datasheet HTML 13Page - STMicroelectronics LNBH26PQR Datasheet HTML 14Page - STMicroelectronics LNBH26PQR Datasheet HTML 15Page - STMicroelectronics LNBH26PQR Datasheet HTML 16Page - STMicroelectronics LNBH26PQR Datasheet HTML 17Page - STMicroelectronics LNBH26PQR Datasheet HTML 18Page - STMicroelectronics LNBH26PQR Datasheet HTML 19Page - STMicroelectronics LNBH26PQR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Typical application circuits
LNBH26
16/38
Doc ID 022771 Rev 1
5
Typical application circuits
Figure 6.
DiSEqC 1.x application circuit
Table 5.
DiSEqC 1.x bill of material (valid for A and B channels except for C1, C4,
C7 and R1)
Component
Notes
R1 (RSEL)
SMD resistor. Refer to
Table 13 and ISEL pin description in Table 2
C1, C2
> 25 V electrolytic capacitor, 100 µF is suitable
C3
From 470 nF to 2.2 µF ceramic capacitor. Higher values allow lower DC-DC noise.
C5
From 100 nF to 220 nF ceramic capacitor. Higher values allow lower DC-DC noise.
C4, C7
220 nF ceramic capacitors
D1
STPS130A or similar schottky diode
D3
BAT54, BAT43, 1N5818, or any low power schottky diode with IF (AV) > 0.2 A,
VRRM > 25 V, VF < 0 .5 V . To be placed as close as possible to VOUT pin
D2
1N4001-07, S1A-S1M, or any similar general purpose rectifier
L1
10 µH inductor with Isat > Ipeak where Ipeak is the boost converter peak current
AM10477v1
C3-A
Vin
12V
LNBOUT-A
LX-A
VUP-A
C4
LNBH26
D1-A
C2-A
C1
Vcc
Byp
C7
FLT
ADDR
{
I
2C Bus
SDA
SCL
ISEL
R1 (RSEL)
LX-B
D1-B
C2-B
C3-B
LNBOUT-B
C5-B
DiSEqC
Envelope
TTL
or
DiSEqC
22KHz
TTL
VUP-B
VOUT-B
VOUT-A
C5-A
D2-A
D2-B
DSQIN-A
DSQIN-B
Tone enable control
3
21
17
16
8
7
9
5
10
6
22
24
11
20
2
P-GND
A-GND
4
15
D3-A
D3-B
L1-A
L1-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com