Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH26PQR Datasheet(PDF) 26 Page - STMicroelectronics

Part # LNBH26PQR
Description  Dual LNBS supply and control IC with step-up and I짼C interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26PQR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LNBH26PQR Datasheet HTML 22Page - STMicroelectronics LNBH26PQR Datasheet HTML 23Page - STMicroelectronics LNBH26PQR Datasheet HTML 24Page - STMicroelectronics LNBH26PQR Datasheet HTML 25Page - STMicroelectronics LNBH26PQR Datasheet HTML 26Page - STMicroelectronics LNBH26PQR Datasheet HTML 27Page - STMicroelectronics LNBH26PQR Datasheet HTML 28Page - STMicroelectronics LNBH26PQR Datasheet HTML 29Page - STMicroelectronics LNBH26PQR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
I²C interface protocol
LNBH26
26/38
Doc ID 022771 Rev 1
7.4
Status registers
The STATUS 1, 2 registers can be addressed only in read mode and provide the diagnostic
functions described in the following tables.
N/A = Reserved bit.
All bits reset to 0 at power-on.
Table 11.
STATUS 1 (Read register. Register address = 0X0)
Bit
Name
CH
Value
Description
Bit 0
(LSB)
OLF-A
A
1
VOUT pin overload protection has been triggered (IOUT > IMAX). Refer to Table 9
for the overload operation settings (ISET, PCL, TIMER bits).
0
No overload protection has been triggered to VOUT pin (IOUT < IMAX).
Bit 1
OLF-B
B
1
VOUT pin overload protection has been triggered (IOUT > IMAX). Refer to Table 9
for the overload operation settings (ISET, PCL, TIMER bits).
0
No overload protection has been triggered to VOUT pin (IOUT < IMAX).
Bit 2
VMON-A
A
1
Output voltage (VOUT pin) lower than VMON specification thresholds. Refer to
Table 17.
0
Output voltage (VOUT pin) is within the VMON specifications.
Bit 3
VMON-B
B
1
Output voltage (VOUT pin) lower than VMON specification thresholds. Refer to
Table 17.
0
Output voltage (VOUT pin) is within the VMON specifications.
Bit 4
PDO-A
A
1
Overcurrent detected on output pull-down stage for a time longer than the
deglitch period. This may happen due to an external voltage source present on
the LNB output (VOUT pin).
0
No overcurrent detected on output pull-down stage.
Bit 5
PDO-B
B
1
Overcurrent detected on output pull-down stage for a time longer than the
deglitch period. This may happen due to an external voltage source present on
the LNB output (VOUT pin).
0
No overcurrent detected on output pull-down stage.
Bit 6
OTF
A/B
1
Junction overtemperature is detected, TJ > 150 °C (typ.). See also the THERM
bit setting in
Table 10.
0
Junction overtemperature not detected, TJ <135 °C (typ.). TJ is below thermal
protection threshold.
Bit 7
(MSB)
PNG
A/B
1
Input voltage (VCC pin) lower than LPD minimum thresholds. Refer to Table 13.
0
Input voltage (VCC pin) higher than LPD thresholds. Refer to Table 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com