Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH26PQR Datasheet(PDF) 12 Page - STMicroelectronics

Part # LNBH26PQR
Description  Dual LNBS supply and control IC with step-up and I짼C interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26PQR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LNBH26PQR Datasheet HTML 8Page - STMicroelectronics LNBH26PQR Datasheet HTML 9Page - STMicroelectronics LNBH26PQR Datasheet HTML 10Page - STMicroelectronics LNBH26PQR Datasheet HTML 11Page - STMicroelectronics LNBH26PQR Datasheet HTML 12Page - STMicroelectronics LNBH26PQR Datasheet HTML 13Page - STMicroelectronics LNBH26PQR Datasheet HTML 14Page - STMicroelectronics LNBH26PQR Datasheet HTML 15Page - STMicroelectronics LNBH26PQR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Pin configuration
LNBH26
12/38
Doc ID 022771 Rev 1
3
Pin configuration
Figure 5.
Pin connections (top view)
AM10476v1
GND
DSQOUT -A
DSQIN -B
DSQIN -A
VUP -A
VCC
PGND
FLT
LX -B
LX -A
SDA
ISEL
DETIN -B
VUP -B
DETIN -A
VOUT -B
NC
VOUT -A
DSQOUT -B
BYP
BPSW -A
ADDR
BPSW -B
SCL
1
2
3
4
5
6
18
17
16
15
14
13
7
8
9
12
11
10
19
20
21
22
23
24
-
-
-
-
-
-
-
1
2
3
4
5
6
18
17
16
15
14
13
7
8
9
12
11
10
19
20
21
22
23
24
Table 2.
Pin description
Pin
Symbol
Name
Pin function
1
DSQOUT-B
DiSEqC output
Open drain output of channel A tone detector to the main microcontroller
for DiSEqC 2.0 data decoding. It is low when tone is detected on the
DETIN-B input pin. Set to ground if not used.
2FLT
FLT
Open drain output for IC fault conditions. It is set low in case of overload
(OLF bit) or overheating status (OTF bit) or power not good (PNG bit) is
detected. To be connected to pull-up resistor (5 V max.).
3
LX-A
N-Mos drain
Channel A, integrated N-channel Power MOSFET drain.
4
P-GND
Power ground
DC-DC converter power ground. To be connected directly to the exposed
pad.
5
LX-B
N-Mos drain
Channel B, integrated N-channel Power MOSFET drain.
6
ADDR
Address setting
Two I2C bus addresses available by setting the address pin level voltage.
See
Table 16.
7
SCL
Serial clock
Clock from I²C bus.
8
SDA
Serial data
Bi-directional data from/to I²C bus.
9
ISEL
Current selection
for both channel
A and B
The resistor “RSEL” connected between ISEL and GND defines the linear
regulator current limit threshold. Refer to
Section 2.5. Also see the ISET
bit description in
Table 9. The RSEL resistor defines the same current
limit both for channels A and B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com