Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH26PQR Datasheet(PDF) 24 Page - STMicroelectronics

Part # LNBH26PQR
Description  Dual LNBS supply and control IC with step-up and I짼C interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26PQR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LNBH26PQR Datasheet HTML 20Page - STMicroelectronics LNBH26PQR Datasheet HTML 21Page - STMicroelectronics LNBH26PQR Datasheet HTML 22Page - STMicroelectronics LNBH26PQR Datasheet HTML 23Page - STMicroelectronics LNBH26PQR Datasheet HTML 24Page - STMicroelectronics LNBH26PQR Datasheet HTML 25Page - STMicroelectronics LNBH26PQR Datasheet HTML 26Page - STMicroelectronics LNBH26PQR Datasheet HTML 27Page - STMicroelectronics LNBH26PQR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
I²C interface protocol
LNBH26
24/38
Doc ID 022771 Rev 1
N/A = Reserved bit.
All bits reset to 0 at power-on.
Table 9.
DATA 3 (Read/Write register. Register address = 0X4)
Bit
Name
CH
Value
Description
Bit 0
(LSB)
ISET-A
A
1
Current limit of LNB output (Vout pin) set to lower current range:
Refer to
Section 2.5 in application information section.
0
Current limit of LNB output (Vout pin) set to default range:
Refer to
Section 2.5 in application information section.
Bit 1
ISW-A
1
DC-DC, inductor switching current limit set to 2.5 A typ.
0
DC-DC, inductor switching current limit set to 4 A typ.
Bit 2
PCL-A
1
Pulsed (Dynamic) LNB output current limiting is deactivated
0
Pulsed (Dynamic) LNB output current limiting is activated
Bit 3
TIMER-A
1
Pulsed (Dynamic) LNB output current TON time set to 180 ms typ.
0
Pulsed (Dynamic) LNB output current TON time set to 90 ms typ.
Bit 4
ISET-B
B
1
Current limit of LNB output (VOUT pin) set to lower current range:
Refer to
Section 2.5 in the application information section.
0
Current limit of LNB output (VOUT pin) set to default range:
Refer to
Section 2.5 in the application information section.
Bit 5
ISW-B
1
DC-DC, inductor switching current limit set to 2.5 A typ.
0
DC-DC, inductor switching current limit set to 4 A typ.
Bit 6
PCL-B
1
Pulsed (Dynamic) LNB output current limiting is deactivated
0
Pulsed (Dynamic) LNB output current limiting is activated
Bit 7
(MSB)
TIMER-B
1
Pulsed (Dynamic) LNB output current TON time set to 180 ms typ.
0
Pulsed (Dynamic) LNB output current TON time set to 90 ms typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com