Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C971 Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 21Page - Advanced Micro Devices AM79C971 Datasheet HTML 22Page - Advanced Micro Devices AM79C971 Datasheet HTML 23Page - Advanced Micro Devices AM79C971 Datasheet HTML 24Page - Advanced Micro Devices AM79C971 Datasheet HTML 25Page - Advanced Micro Devices AM79C971 Datasheet HTML 26Page - Advanced Micro Devices AM79C971 Datasheet HTML 27Page - Advanced Micro Devices AM79C971 Datasheet HTML 28Page - Advanced Micro Devices AM79C971 Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 265 page
background image
Am79C971
25
If the MII port is not selected, the RX_DV pin can be left
floating.
RX_ER
Receive Error
Input
RX_ER is an input that indicates that the MII trans-
ceiver device has detected a coding error in the receive
frame currently being transferred on the RXD[3:0] pins.
When RX_ER is asserted while RX_DV is asserted, a
CRC error will be indicated in the receive descriptor for
the incoming receive frame. RX_ER is ignored while
RX_DV is deasserted. Special code groups generated
on RXD while RX_DV is deasserted are ignored (e.g.,
Bad SSD in TX and IDLE in T4). RX_ER transitions are
synchronous to RX_CLK rising edges.
Note: The RX_ER pin is multiplexed with the RXDAT
pin.
When RST is active, RX_ER is an input for NAND tree
testing.
If the MII port is not selected, the RX_ER pin can be left
floating.
MDC
Management Data Clock
Output
MDC is a non-continuous clock output that provides a
timing reference for bits on the MDIO pin. During MII
management port operations, MDC runs at a nominal
frequency of 2.5 MHz. When no management opera-
tions are in progress, MDC is driven LOW. The MDC is
derived from the external 20-MHz crystal.
If the MII port is not selected, the MDC pin can be left
floating.
MDIO
Management Data I/O
Input/Output
MDIO is the bidirectional MII management port data
pin. MDIO is an output during the header portion of the
management frame transfers and during the data por-
tions of write transfers. MDIO is an input during the
data portions of read data transfers. When an operation
is not in progress on the management port, MDIO is not
driven. MDIO transitions from the Am79C971 controller
are synchronous to MDC Falling edges.
If the PHY is attached through an MII physical connec-
tor, then the MDIO pin should be externally pulled down
to VSS with a 10-k
Ω
±5% resistor. If the PHY is on
board, then the MDIO pin should be externally pulled
up to VCC with a 10-k
Ω
±5% resistor.
When RST is active, MDIO is an input for NAND tree
testing.
Attachment Unit Interface
CI
±
Collision In
Input
CI
± is a differential input pair signaling the Am79C971
controller that a collision has been detected on the net-
work media, indicated by the CI
± inputs being driven
with a 10-MHz pattern of sufficient amplitude and pulse
width to meet ISO 8802-3 (IEEE/ANSI 802.3) stan-
dards. CI
± operates at pseudo ECL levels.
If the CI
± pins are not used, they should be tied to-
gether.
DI
±
Data In
Input
DI
± is a differential input pair to the Am79C971 control-
ler carrying Manchester encoded data from the net-
work. DI
± operates at pseudo ECL levels.
If the DI
± pins are not used, they should be tied to-
gether.
DO
±
Data Out
Output
DO
± is a differential output pair from the Am79C971
controller for transmitting Manchester encoded data to
the network. DO
± operates at pseudo ECL levels.
If the AUI is not used, DO
± should be left floating for
minimum power consumption.
10BASE-T Interface
RXD
±
10BASE-T Receive Data
Input
RXD
± are 10BASE-T port differential receivers. If the
10BASE-T interface is not used in a design, RXD+ and
RXD- should be connected to each other.
TXD
±
10BASE-T Transmit Data
Output
TXD
± are 10BASE-T port differential drivers.
TXP
±
10BASE-T Pre-Distortion Control
Output
These outputs provide transmit pre-distortion control in
conjunction with the 10BASE-T port differential drivers.
General Purpose Serial Interface
CLSN
Collision
Input
CLSN is an input that indicates a collision has occurred
on the network.
Note: The CLSN pin is multiplexed with the COL pin.
When RST is active, CLSN is an input for NAND tree
testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com