Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C971 Datasheet(PDF) 92 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 92 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 88Page - Advanced Micro Devices AM79C971 Datasheet HTML 89Page - Advanced Micro Devices AM79C971 Datasheet HTML 90Page - Advanced Micro Devices AM79C971 Datasheet HTML 91Page - Advanced Micro Devices AM79C971 Datasheet HTML 92Page - Advanced Micro Devices AM79C971 Datasheet HTML 93Page - Advanced Micro Devices AM79C971 Datasheet HTML 94Page - Advanced Micro Devices AM79C971 Datasheet HTML 95Page - Advanced Micro Devices AM79C971 Datasheet HTML 96Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 265 page
background image
92
Am79C971
No SRAM Configuration
If the SRAM_SIZE (BCR25, bits 7-0) value is 0 in the
SRAM size register, the Am79C971 controller will as-
sume that there is no SRAM present and will reconfig-
ure the four internal FIFOs into two FIFOs, one for
transmit and one for receive. The FIFOs will operate
the same as in the PCnet-PCI II controller. When the
SRAM SIZE (BCR25, bits 7-0) value is 0, the SRAM
BND (BCR26, bits 7-0) are ignored by the Am79C971
controller. See Figure 50.
NOTE: A “No SRAM configuration” is only valid for
10Mb mode. In 100Mb mode, SRAM is mandatory and
must always be used.
Low Latency Receive Configuration
If the LOLATRX (BCR27, bit 4) bit is set to 1, then the
Am79C971 controller will configure itself for a low la-
tency receive configuration. In this mode, external
SRAM is required at all times. If the SRAM_SIZE
(BCR25, bits 7-0) value is 0, the Am79C971 controller
will not configure for low latency receive mode. The
Am79C971 controller will provide a fast path on the re-
ceive side bypassing the external RAM. All transmit
traffic will go to the SRAM, so SRAM_BND (BCR26,
bits 7-0) has no meaning in low latency receive mode.
When the Am79C971 controller has received 16 bytes
from the network, it will start a DMA request to the PCI
Bus Interface Unit. The Am79C971 controller will not
wait for the first 64 bytes to pass to check for collisions
in Low Latency Receive mode. The Am79C971 control-
ler must be in STOP before switching to this mode. See
Figure 51.
CAUTION: To provide data integrity when switching
into and out of the low latency mode, DO NOT SET
the FASTSPNDE bit when setting the SPND bit. Re-
c e i ve f r am es WI L L be ov e r w r i tte n a nd th e
Am79C971 controller may give erratic behavior
when it is enabled again.
Direct SRAM Access
The SRAM can be accessed through the Expansion
Bus Data port (BCR30). To access this data port, the
user must load the upper address EPADDRU (BCR29,
bits 3-0) and set FLASH (BCR29, bit 15) to 0. Then the
user will load the lower 16 bits of address EPADDRL
(BCR28, bits 15-0). To initiate a read, the user reads
the Expansion Bus Data Port (BCR30). This slave ac-
cess from the PCI will result in a retry for the very first
access. Subsequent accesses may give a retry or not,
depending on whether or not the data is present and
valid. The direct SRAM access uses the same FLASH/
EPROM access except for accessing the SRAM in
word format instead of byte format. This access is
meant to be a diagnostic access only. The SRAM can
only be accessed while the Am79C971 controller is in
STOP or SPND (FASTSPNDE is set to 0) mode.
Figure 50.
Block Diagram No SRAM Configuration
PCI Bus
Interface
Unit
802.3
MAC
Core
Bus
Rcv
FIFO
MAC
Rcv
FIFO
Bus
Xmt
FIFO
MAC
Xmt
FIFO
Buffer
Management
Unit
FIFO
Control
20550D-53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com