Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C971 Datasheet(PDF) 43 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 43 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 39Page - Advanced Micro Devices AM79C971 Datasheet HTML 40Page - Advanced Micro Devices AM79C971 Datasheet HTML 41Page - Advanced Micro Devices AM79C971 Datasheet HTML 42Page - Advanced Micro Devices AM79C971 Datasheet HTML 43Page - Advanced Micro Devices AM79C971 Datasheet HTML 44Page - Advanced Micro Devices AM79C971 Datasheet HTML 45Page - Advanced Micro Devices AM79C971 Datasheet HTML 46Page - Advanced Micro Devices AM79C971 Datasheet HTML 47Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 265 page
background image
Am79C971
43
Figure 18.
Target Abort
When the preemption occurs after the counter has
counted down to 0, the Am79C971 controller will finish
the current data phase, deassert FRAME, finish the
last data phase, and release the bus. Note that it is im-
portant for the host to program the PCI Latency Timer
according to the bus bandwidth requirement of the
Am79C971 controller. The host can determine this bus
bandwidth requirement by reading the PCI MAX_LAT
and MIN_GNT registers.
Figure 20 assumes that the PCI Latency Timer has
counted down to 0 on clock 7.
Master Abort
The Am79C971 controller will terminate its cycle with a
Master Abort sequence if DEVSEL is not asserted
within 4 clocks after FRAME is asserted. Master Abort
is treated as a fatal error by the Am79C971 controller.
The Am79C971 controller will reset all CSR locations
to their STOP_RESET values. The BCR and PCI con-
figuration registers will not be cleared. Any on-going
network transmission is terminated in an orderly se-
quence. If less than 512 bits have been transmitted
onto the network, the transmission will be terminated
immediately, generating a runt packet. If 512 bits or
more have been transmitted, the message will have the
current FCS inverted and appended at the next byte
boundary to guarantee an FCS error is detected at the
receiving station.
RMABORT (in the PCI Status register, bit 13) will be set
to indicate that the Am79C971 controller has termi-
nated its transaction with a master abort. In addition,
SINT (CSR5, bit 11) will be set to 1. When SINT is set,
INTA is asserted if the enable bit SINTE (CSR5, bit 10)
is set to 1. This mechanism can be used to inform the
driver of the system error. The host can read the PCI
Status register to determine the exact cause of the in-
terrupt. See Figure 21.
Parity Error Response
During every data phase of a DMA read operation,
when the target indicates that the data is valid by as-
serting TRDY, the Am79C971 controller samples the
AD[31:0], C/BE[3:0] and the PAR lines for a data parity
error. When it detects a data parity error, the controller
sets PERR (PCI Status register, bit 15) to 1. When re-
porting of that error is enabled by setting PERREN
(PCI Command register, bit 6) to 1, the Am79C971
controller also drives the PERR signal low and sets
DATAPERR (PCI Status register, bit 8) to 1. The asser-
tion of PERR follows the corrupted data/byte enables
by two clock cycles and PAR by one clock cycle.
Figure 22 shows a transaction that has a parity error in
the data phase. The Am79C971 controller asserts
PERR on clock 8, two clock cycles after data is valid.
The data on clock 5 is not checked for parity, since on
a read access PAR is only required to be valid one
clock after the target has asser ted TRDY. The
Am79C971 controller then drives PERR high for one
clock cycle, since PERR is a sustained tri-state signal.
During every data phase of a DMA write operation, the
Am79C971 controller checks the PERR input to see if
the target reports a parity error. When it sees the PERR
input asserted, the controller sets PERR (PCI Status
register, bit 15) to 1. When PERREN (PCI Command
register, bit 6) is set to 1, the Am79C971 controller also
sets DATAPERR (PCI Status register, bit 8) to 1.
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
REQ
GNT
PAR
DEVSEL is sampled
2
34567
ADDR
0000
0111
PAR
PAR
DATA
STOP
1
20550D-21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com