Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C971 Datasheet(PDF) 70 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 70 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 66Page - Advanced Micro Devices AM79C971 Datasheet HTML 67Page - Advanced Micro Devices AM79C971 Datasheet HTML 68Page - Advanced Micro Devices AM79C971 Datasheet HTML 69Page - Advanced Micro Devices AM79C971 Datasheet HTML 70Page - Advanced Micro Devices AM79C971 Datasheet HTML 71Page - Advanced Micro Devices AM79C971 Datasheet HTML 72Page - Advanced Micro Devices AM79C971 Datasheet HTML 73Page - Advanced Micro Devices AM79C971 Datasheet HTML 74Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 265 page
background image
70
Am79C971
Manchester Encoder/Decoder
The integrated Manchester Encoder/Decoder (MEN-
DEC) provides the PLS (Physical Layer Signaling)
functions required for a fully compliant ISO 8802-3
(IEEE/ANSI 802.3) station. The MENDEC provides the
encoding function for data to be transmitted on the net-
work using the high accuracy on-board oscillator,
driven by either the crystal oscillator or an external
CMOS-level compatible clock. The MENDEC also pro-
vides the decoding function from data received from
the network. The MENDEC contains a Power On Reset
(POR) circuit, which ensures that all analog portions of
the Am79C971 controller are forced into their correct
state during power up, and prevents erroneous data
transmission and/or reception during this time.
External Crystal Characteristics
When using a crystal to drive the oscillator, the follow-
ing crystal specification (Table 7) may be used to en-
sure less than
±0.5 ns jitter at DO±.
Note:
*Requires trimming specification; not trim is 50 PPM total.
External Clock Drive Characteristics
When driving the oscillator from a CMOS-level external
clock source, XTAL2 must be left floating (uncon-
nected). An external clock having the following charac-
teristics must be used to ensure less than
±0.5 ns jitter
at DO
±. See Table 8.
MENDEC Transmit Path
The transmit section encodes separate clock and NRZ
data input signals into a standard Manchester encoded
serial bit stream. The transmit outputs (DO
±) are de-
signed to operate into terminated transmission lines.
When operating into a 78-
Ω terminated transmission
line, the transmit signaling meets the required output
levels and skew for Cheapernet, Ethernet, and IEEE-
802.3.
Transmitter Timing and Operation
A 20-MHz fundamental mode crystal oscillator pro-
vides the basic timing reference for the MENDEC por-
tion of the Am79C971 controller. The crystal frequency
is divided by two to create the internal transmit clock
reference. Both the 10-MHz and 20-MHz clocks are fed
into the Manchester Encoder. The internal transmit
clock is used by the MENDEC to synchronize the Inter-
nal Transmit Data (ITXDAT) and Internal Transmit En-
able (ITXEN) from the controller. The internal transmit
clock is also used as a stable bit rate clock by the re-
ceive section of the MENDEC and controller.
The oscillator requires an external 0.01% timing refer-
ence. If an external crystal is used, the accuracy re-
quirements are tighter because allowance for the on-
board parasitics must be made to deliver a final accu-
racy of 0.01%.
Transmission is enabled by the controller. As long as
the ITXEN request remains active, the serial output of
the controller will be Manchester encoded and appear
at DO
±. When the internal request is dropped by the
controller, the differential transmit outputs go to one of
two idle states, dependent on TSEL in the Mode Reg-
ister (CSR15, bit 9).
Table 9.
TSEL Effect
Table 7.
Crystal Characteristics
Parameter
Min
Nom
Max
Units
1. Parallel Resonant
Frequency
20
MHz
2. Resonant
Frequency Error
-50
+50
PPM
3. Change in
Resonant Frequency
With Respect To
Temperature
(0 - 70 C)*
-40
+40
PPM
4. Crystal Load
Capacitance
20
50
pF
5. Motional Crystal
Capacitance (C1)
0.022
pF
6. Internal Equivalent
Series Resistance
35
ohm
7. Shunt
Capacitance
7
pF
Table 8.
External Clock Source Characteristics
Clock Frequency:
20 MHz
±0.01%
Rise/Fall Time (tR/tF):
<= 6 ns from 0.5 V to VDD
-0.5 V
XTAL1 HIGH/LOW Time
(tHIGH/tLOW):
20 ns min.
XTAL1 Falling Edge to
Falling Edge Jitter:
<
±0.2 ns at 2.5 V input
(VDD/2)
TSEL LOW:
The idle state of DO
± yields 0 differential
to operate transformer-coupled loads.
TSEL HIGH:
In this idle state, DO+ is positive with
respect to DO- (logical HIGH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com