Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C971 Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 12Page - Advanced Micro Devices AM79C971 Datasheet HTML 13Page - Advanced Micro Devices AM79C971 Datasheet HTML 14Page - Advanced Micro Devices AM79C971 Datasheet HTML 15Page - Advanced Micro Devices AM79C971 Datasheet HTML 16Page - Advanced Micro Devices AM79C971 Datasheet HTML 17Page - Advanced Micro Devices AM79C971 Datasheet HTML 18Page - Advanced Micro Devices AM79C971 Datasheet HTML 19Page - Advanced Micro Devices AM79C971 Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 265 page
background image
16
Am79C971
PIN DESIGNATIONS
Listed By Group
Note:
1. Not including test features.
Pin Name
Pin Function
Type1
Driver
No. of Pins
Media Independent Interface (MII)
COL
Collision
I
NA
1
CRS
Carrier Sense
I
NA
1
MDC
Management Data Clock
O
OMII2
1
MDIO
Management Data I/O
IO
TSMII
1
RX_CLK
Receive Clock
I
NA
1
RXD[3:0]
Receive Data
I
NA
4
RX_DV
Receive Data Valid
I
NA
1
RX_ER
Receive Error
I
NA
1
TX_CLK
Transmit Clock
I
NA
1
TXD[3:0]
Transmit Data
O
OMII1
4
TX_EN
Transmit Data Enable
O
OMII1
1
TX_ER
Transmit Error
O
OMII1
1
Attachment Unit Interface (AUI)
CI
±
AUI Collision
I
NA
1
DI
±
AUI Data In
I
NA
1
DO
±
AUI Data Out
O
DO
1
10BASE-T Interface
RXD+/RXD-
Receive Differential Pair
I
NA
2
TXD+/TXD-
Transmit Differential Pair
O
TDO
2
TXP+/TXP-
Transmit Pre-distortion Differential Pair
O
TPO
2
General Purpose Serial Interface (GPSI)
CLSN
Collision
IO
NA
1
RXCLK
Receive Clock
I
NA
1
RXDAT
Receive Data
I
NA
1
RXEN
Receive Enable
I
NA
1
TXCLK
Transmit Clock
I
NA
1
TXDAT
Transmit Data
O
O6
1
TXEN
Transmit Enable
O
O6
1
External Address Detection Interface (EADI)
EAR
External Address Reject Low
I
NA
1
SFBD
Start Frame Byte Delimiter
O
LED
1
SRD
Serial Receive Data
IO
LED
1
SRDCLK
Serial Receive Data Clock
IO
LED
1
RXFRTGD/MIIRXFRTGD
Receive Frame Tag Data/MII Receive Frame
Tag Data
I
NA
1
RXFRTGE/MIIRXFRTGE
Receive Frame Tag Enable/MII Receive Frame
Tag Enable
I
NA
1
IEEE 1149.1 Test Access Port Interface (JTAG)
TCK
Test Clock
I
NA
1
TDI
Test Data In
I
NA
1
TDO
Test Data Out
O
TS6
1
TMS
Test Mode Select
I
NA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com