Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C971 Datasheet(PDF) 83 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 83 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 79Page - Advanced Micro Devices AM79C971 Datasheet HTML 80Page - Advanced Micro Devices AM79C971 Datasheet HTML 81Page - Advanced Micro Devices AM79C971 Datasheet HTML 82Page - Advanced Micro Devices AM79C971 Datasheet HTML 83Page - Advanced Micro Devices AM79C971 Datasheet HTML 84Page - Advanced Micro Devices AM79C971 Datasheet HTML 85Page - Advanced Micro Devices AM79C971 Datasheet HTML 86Page - Advanced Micro Devices AM79C971 Datasheet HTML 87Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 265 page
background image
Am79C971
83
address decoding systems, the SFBD signal will go
HIGH at each new byte boundary within the packet,
subsequent to the SFD. This eliminates the need for ex-
ternally supplying byte framing logic.
The EAR pin function is the same and should be driven
LOW by the external address comparison logic to reject
a frame.
External Address Detection Interface: Receive
Frame Tagging
The Am79C971 controller supports receive frame tag-
ging in both internal PHY mode or in the MII mode. The
method remains constant, but the chip interface pins
will change between the MII and the internal PHY
modes. The receive frame tagging implementation will
be a two- and three-wire chip interface, respectively,
added to the existing EADI.
The Am79C971 controller supports up to 15 bits of re-
ceive frame tagging per frame in the receive frame sta-
tus (RFRTAG). The RFRTAG bits are in the receive
frame status field in RMD2 (bits 30-16) in 32-bit soft-
ware mode. The receive frame tagging is not supported
in the 16-bit software mode. The RFRTAG field are all
zeros when either the EADISEL (BCR2, bit3) or the
RXFRTAG (CSR7, bit 14) are set to 0. When EADISEL
(BCR2, bit 3) and RXFRTAG (CSR7, bit 14) are set to
1, then the RFRTAG reflects the tag word shifted in dur-
ing that receive frame.
In the MII mode, the two-wire interface will use the
MIIRXFRTGD and MIIRXFRTGE pins from the EADI
interface. These pins will provide the data input and
data input enable for the receive frame tagging, respec-
tively. These pins are normally not used during the MII
operation.
In the internal PHY mode, the three-wire interface will
use the RXFRTGD, SRDCLK, and the RXFRTGE pins
from the EADI and MII. These pins will provide the data
input, data input clock, and the data input for the re-
ceive frame tagging enable, respectively.
The receive frame tag register is a shift register that
shifts data in MSB first, so that less than the 15 bits al-
located may be utilized by the user. The upper bits not
utilized will return zeros. The receive frame tag register
is set to 0 in between reception of frames. After receiv-
ing SFBD indication on the EADI, the user can start
shifting data into the receive tag register until one net-
work clock period before the Am79C971 controller re-
ceives the end of the current receive frame.
In the MII mode, the user must see the RX_CLK to
drive the synchronous receive frame tag data interface.
After receiving the SFBD indication, sampled by the ris-
ing edge of the RX_CLK, the user will drive the data
input and the data input enable synchronous with the
rising edge of the RX_CLK. The user has until one net-
work clock period before the deassertion of the RX_DV
to input the data into the receive frame tag register. At
the deassertion of the RX_DV, the receive frame tag
register will no longer accept data from the two-wire in-
terface. If the user is still driving the data input enable
pin, erroneous or corrupted data may reside in the re-
ceive frame tag register. See Figure 40.
In the internal PHY mode, the user must use the recov-
ered receive data clock driven on the SRDCLK pin to
drive the synchronous receive frame tag data interface.
After receiving the SFBD indication, sampled by the ris-
ing edge of the recovered receive data clock, the user
will drive the data input and the data input enable syn-
chronous with the rising edge of the recovered receive
data clock. The user has until one network clock period
before the deassertion of the data from the network to
input the data into the receive frame tag register. At the
completion of received network data, the receive frame
tag register will no longer accept data from the two-wire
interface. If the user is still driving the data input enable
pin, erroneous or corrupted data may reside in the re-
ceive frame tag register. See Figure 41.
Figure 40.
MII Receive Frame Tagging
RX_CLK
RX_DV
MIIRXFRTGE
MIIRXFRTGD
SF/BD
20550D-44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com