Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C971 Datasheet(PDF) 67 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 67 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 63Page - Advanced Micro Devices AM79C971 Datasheet HTML 64Page - Advanced Micro Devices AM79C971 Datasheet HTML 65Page - Advanced Micro Devices AM79C971 Datasheet HTML 66Page - Advanced Micro Devices AM79C971 Datasheet HTML 67Page - Advanced Micro Devices AM79C971 Datasheet HTML 68Page - Advanced Micro Devices AM79C971 Datasheet HTML 69Page - Advanced Micro Devices AM79C971 Datasheet HTML 70Page - Advanced Micro Devices AM79C971 Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 265 page
background image
Am79C971
67
If DRCVBC (CSR15, bit 14) is cleared to 0, only BAM,
but not LAFM will be set when a Broadcast frame is re-
ceived, even if the Logical Address Filter is pro-
grammed in such a way that a Broadcast frame would
pass the hash filter. If DRCVBC is set to 1 and the Log-
ical Address Filter is programmed in such a way that a
Broadcast frame would pass the hash filter, LAFM will
be set on the reception of a Broadcast frame.
When the Am79C971 controller operates in promiscu-
ous mode and none of the three match bits is set, it is
an indication that the Am79C971 controller only ac-
cepted the frame because it was in promiscuous mode.
When the Am79C971 controller is not programmed to
be in promiscuous mode, but the EADI interface is en-
abled, then when none of the three match bits is set, it
is an indication that the Am79C971 controller only ac-
cepted the frame because it was not rejected by driving
the EAR pin LOW within 64 bytes after SFD.
See Table 6 for receive address matches.
Automatic Pad Stripping
During reception of an IEEE 802.3 frame, the pad field
can be stripped automatically. Setting ASTRP_RCV
(CSR4, bit 0) to 1 enables the automatic pad stripping
feature. The pad field will be stripped before the frame
is passed to the FIFO, thus preserving FIFO space for
additional frames. The FCS field will also be stripped,
since it is computed at the transmitting station based on
the data and pad field characters, and will be invalid for
a receive frame that has had the pad characters
stripped.
Table 6.
Receive Address Match
The number of bytes to be stripped is calculated from
the embedded length field (as defined in the ISO 8802-
3 (IEEE/ANSI 802.3) definition) contained in the frame.
The length indicates the actual number of LLC data
bytes contained in the message. Any received frame
which contains a length field less than 46 bytes will have
the pad field stripped (if ASTRP_RCV is set). Receive
frames which have a length field of 46 bytes or greater
will be passed to the host unmodified.
Figure 34 shows the byte/bit ordering of the received
length field for an IEEE 802.3-compatible frame format.
Figure 34.
IEEE 802.3 Frame And Length Field Transmission Order
PAM
LAF
M
BAM
DRC
VBC
Comment
0
0
0
X
Frame accepted due
to PROM = 1 or no
EADI reject
1
0
0
X
Physical address
match
0
1
0
0
Logical address filter
match;
frame is not of type
broadcast
0
1
0
1
Logical address filter
match;
frame can be of type
broadcast
0
0
1
0
Broadcast frame
Preamble
1010....1010
SFD
10101011
Destination
Address
Source
Address
Length
LLC
Data
Pad
FCS
4
Bytes
46 – 1500
Bytes
2
Bytes
6
Bytes
6
Bytes
8
Bits
56
Bits
Start of Frame
at Time = 0
Increasing Time
Bit
0
Bit
7
Bit
0
Bit
7
Most
Significant
Byte
Least
Significant
Byte
1 – 1500
Bytes
45 – 0
Bytes
20550D-37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com